Electronic Components Datasheet Search
  English  ▼

X  

BC52PA Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BC52PA
Description  60 V, 1 A PNP medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC52PA Datasheet(HTML) 1 Page - NXP Semiconductors

  BC52PA Datasheet HTML 1Page - NXP Semiconductors BC52PA Datasheet HTML 2Page - NXP Semiconductors BC52PA Datasheet HTML 3Page - NXP Semiconductors BC52PA Datasheet HTML 4Page - NXP Semiconductors BC52PA Datasheet HTML 5Page - NXP Semiconductors BC52PA Datasheet HTML 6Page - NXP Semiconductors BC52PA Datasheet HTML 7Page - NXP Semiconductors BC52PA Datasheet HTML 8Page - NXP Semiconductors BC52PA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1.
Product profile
1.1 General description
PNP medium power transistor series in Surface-Mounted Device (SMD) plastic packages.
[1]
Valid for all available selection groups.
1.2 Features and benefits
High current
Three current gain selections
High power dissipation capability
Exposed heatsink for excellent thermal and electrical conductivity (SOT89, SOT1061)
Leadless very small SMD plastic package with medium power capability (SOT1061)
AEC-Q101 qualified
1.3 Applications
Linear voltage regulators
High-side switches
Battery-driven devices
Power management
MOSFET drivers
Amplifiers
1.4 Quick reference data
BCP52; BCX52; BC52PA
60 V, 1 A PNP medium power transistors
Rev. 9 — 18 October 2011
Product data sheet
Table 1.
Product overview
Type number[1]
Package
NPN complement
NXP
JEITA
JEDEC
BCP52
SOT223
SC-73
-
BCP55
BCX52
SOT89
SC-62
TO-243
BCX55
BC52PA
SOT1061
-
-
BC55PA
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
60
V
IC
collector current
-
-
1A
ICM
peak collector current
single pulse; tp  1ms
-
-
2A


Similar Part No. - BC52PA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC52PA NXP-BC52PA Datasheet
1Mb / 22P
PNP medium power transistor series in Surface-Mounted Device (SMD) plastic packages.
Rev. 9-18 October 2011
logo
Nexperia B.V. All right...
BC52PA NEXPERIA-BC52PA Datasheet
1Mb / 22P
60 V, 1 A PNP medium power transistors
Rev. 9 - 18 October 2011
BC52PA NEXPERIA-BC52PA Datasheet
1Mb / 22P
60 V, 1 A NPN medium power transistors
Rev. 8 - 24 October 2011
BC52PA-Q NEXPERIA-BC52PA-Q Datasheet
249Kb / 13P
60 V, 1 A PNP medium power transistors
Rev. 1 24 October 2024
BC52PAS NEXPERIA-BC52PAS Datasheet
903Kb / 15P
45 V/60 V/80 V, 1 A PNP medium power transistors
More results

Similar Description - BC52PA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP52 NXP-BCP52 Datasheet
122Kb / 12P
60 V, 1 A PNP medium power transistors
Rev. 08-25 February 2008
BCP52 PHILIPS-BCP52_15 Datasheet
1Mb / 22P
60 V, 1 A PNP medium power transistors
Rev. 9-18 October 2011
logo
Nexperia B.V. All right...
BC51PAS NEXPERIA-BC51PAS Datasheet
903Kb / 15P
45 V/60 V/80 V, 1 A PNP medium power transistors
BC52XPAS_SER NEXPERIA-BC52XPAS_SER Datasheet
261Kb / 11P
60 V, 1 A PNP medium power transistors
6 December 2022
BSR30-Q NEXPERIA-BSR30-Q Datasheet
181Kb / 7P
60 V, 1 A PNP medium power transistor
10 March 2023
BSR30 NEXPERIA-BSR30 Datasheet
181Kb / 7P
60 V, 1 A PNP medium power transistor
10 March 2023
BSR31-Q NEXPERIA-BSR31-Q Datasheet
181Kb / 7P
60 V, 1 A PNP medium power transistor
10 March 2023
BSR31 NEXPERIA-BSR31 Datasheet
180Kb / 7P
60 V, 1 A PNP medium power transistor
10 March 2023
BCP52 NEXPERIA-BCP52 Datasheet
1Mb / 22P
60 V, 1 A PNP medium power transistors
Rev. 9 - 18 October 2011
BCP52T_SER NEXPERIA-BCP52T_SER Datasheet
273Kb / 14P
60 V, 1 A PNP medium power transistors
Rev. 1 - 29 April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com