Electronic Components Datasheet Search
  English  ▼

X  

BD203 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BD203
Description  SILCON EPITAXIAL-BASE POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD203 Datasheet(HTML) 1 Page - Comset Semiconductor

  BD203 Datasheet HTML 1Page - Comset Semiconductor BD203 Datasheet HTML 2Page - Comset Semiconductor BD203 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN BD201 – BD203
COMSET SEMICONDUCTORS
1/3
S
SIIL
LC
CO
ON
N E
EP
PIIT
TA
AX
XIIA
AL
L--B
BA
AS
SE
E P
PO
OW
WE
ER
R T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S
The BD201 and BD203 are NPN transistors mounted in Jedec TO-220 plastic package.
They are primarily intended for use in if-hi equipment delivering an output of 15 to 25 W
into 4
Ω or 8Ω load.
PNP complements are BD202 and BD204
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
BD201
45
V
BD203
60
VCBO
Collector-Base Voltage
BD201
60
V
BD203
60
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current
IC
8
A
ICM
12
A
ICSM
Collector Current (non-repetitive peak value,tp max.2 ms)
25
A
IB
Base Current
3
A
PD
Total Device Dissipation
@ TC = 25°
60
W
TJ
Junction Temperature
150
°C
TStg
Storage Temperature range
-65 to +200
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-a
Thermal Resistance, Junction to mounting base
70
K/W
RthJ-mb
Thermal Resistance, Junction to ambient in free air
2.08
K/W


Similar Part No. - BD203

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BD203 CDIL-BD203 Datasheet
54Kb / 2P
Medium Power Switching and Amplifier Applications
logo
General Semiconductor
BD203 GE-BD203 Datasheet
109Kb / 3P
EPITAXIAL BASE SILICON NPN AND PNP VERSAWATT TRANSISTORS
logo
Inchange Semiconductor ...
BD203 ISC-BD203 Datasheet
115Kb / 2P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BD203 SAVANTIC-BD203 Datasheet
91Kb / 3P
Silicon NPN Power Transistors
logo
Comset Semiconductor
BD203 COMSET-BD203 Datasheet
193Kb / 3P
SILCON EPITAXIAL-BASE POWER TRANSISTORS
More results

Similar Description - BD203

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BD241 MICRO-ELECTRONICS-BD241 Datasheet
97Kb / 2P
NPN SILCON EPITAXIAL BASE POWER TRANSISTORS
logo
NXP Semiconductors
BD941 PHILIPS-BD941 Datasheet
331Kb / 7P
SILICON EPITAXIAL BASE POWER TRANSISTORS
August 1991
BD941F PHILIPS-BD941F Datasheet
289Kb / 6P
SILICON EPITAXIAL BASE POWER TRANSISTORS
August 1991
logo
List of Unclassifed Man...
MPS-A63 ETC1-MPS-A63 Datasheet
42Kb / 2P
SILCON DARLINGTON TRANSISTORS
logo
Comset Semiconductor
BD201 COMSET-BD201 Datasheet
193Kb / 3P
SILCON EPITAXIAL-BASE POWER TRANSISTORS
BD202 COMSET-BD202 Datasheet
194Kb / 3P
SILCON EPITAXIAL-BASE POWER TRANSITORS
BUX84 COMSET-BUX84 Datasheet
97Kb / 3P
SILCON DIFFUSED POWER TRANSISTORS
2N3713 COMSET-2N3713_12 Datasheet
82Kb / 4P
EPITAXIAL-BASE TRANSISTORS
2N3789 COMSET-2N3789_12 Datasheet
82Kb / 4P
EPITAXIAL-BASE TRANSISTORS
BD202 COMSET-BD202_12 Datasheet
151Kb / 3P
SILCON EPITAXIAL-BASE POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com