Electronic Components Datasheet Search
  English  ▼

X  

BD201 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BD201
Description  SILCON EPITAXIAL-BASE POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD201 Datasheet(HTML) 2 Page - Comset Semiconductor

  BD201 Datasheet HTML 1Page - Comset Semiconductor BD201 Datasheet HTML 2Page - Comset Semiconductor BD201 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN BD201 – BD203
18/10/2012
COMSET SEMICONDUCTORS
3/3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICEO
Collector Cutoff Current
VCE=30 V, IB=0V
BD201
-
-
0.2
mA
BD203
ICBO
Collector Cutoff Current
VCB=40 V, IE=0V
Tj=150°C
BD201
-
-
1
mA
BD203
IEBO
Emitter Cutoff Current
VBE=5 V, IC=0
BD201
-
-
0.5
mA
BD203
VCBO
Collector-Base Breakdown
Voltage
IC=1 m A, IE= 0
BD201
60
-
-
V
BD203
VCEO
Collector Emitter
Breakdown Voltage (*)
IC=200 m A, IB= 0
BD201
45
-
-
V
BD203
60
-
-
VEBO
Emitter Base Breakdown
Voltage
IE =1 mA, IC =0
BD201
5
-
-
V
BD203
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=3 A, IB=300 mA
BD201
-
-
1
V
BD203
IC=6 A, IB=600 mA
BD201
-
-
1.5
BD203
VBE(SAT)
Base-Emitter saturation
Voltage (*)
IC=6 A, IB=600 mA
BD201
-
-
2
BD203
VBE
Base Emitter Voltage (*)
IC=3 A, VCE=2 V
BD201
-
-
1.5
V
BD203
hFE
DC Current Gain (*)
IC=3 A, VCE=2 V
BD201
30
-
-
-
IC=2 A, VCE=2 V
BD203
30
-
-
fhfe
Cut-off frequency
IC=300 mA, VCE=3 V
BD201
25
-
-
KHz
BD203
fT
Transition frequency
IC=300 mA, VCE=3 V
f= 1MHz
BD201
7
-
-
MHz
BD203
Is/b
Forward bias second
breakdown collector
current
VCE=40 V,tp= 0.1 s
Tamb= 25 °C
BD201
1.5
-
-
A
BD203
hFE1/hFE2
DC current gain
IC=1 A, VCE=2 V
BD201
2.5
-
-
-
BD203
ton
Turn-on time
ICon=2 A
IBon = -IBoff =200 mA
BD201
-
-
1
µs
BD203
Toff
Turn-off time
BD201
-
-
4
BD203
(*) Pulse conditions : tp < 300
µs, δ =2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com