Electronic Components Datasheet Search
  English  ▼

X  

PE39803-36 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE39803-36
Description  7/16 DIN Male to 7/16 DIN Male Low PIM Cable 144 Inch Length Using 1/2 inch Superflexible Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39803-36 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE39803-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39803-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39803-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39803-36 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
CouplingNutMaterialandPlating
Brass,Tri-Metal
HexSize,mm
32
Torque,ft-lbs[Nm]
18.417[24.97]
BodyMaterialandPlating
Brass,Tri-Metal
DielectricType
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACHCompliant
06/18/2012
Plotted and Other Data
Notes:
Valuesat25°C,sealevel
7/16DINMaleto7/16DINMaleLowPIMCable144InchLengthUsing1/2inchSuperflexibleCoax,RoHSfromPasternack
EnterpriseshassamedayshipmentfordomesticandInternationalorders.OurRF,microwaveandfiberopticproducts
maintain a 99% availability and are part of the broadest selection in the industry.
Clickthefollowinglink(orenterpartnumberin“SEARCH”onwebsite)toobtainadditionalpartinformationincludingprice,
inventoryandcertifications: 7/16DINMaleto7/16DINMaleLowPIMCable144InchLengthUsing1/2inchSuperflexible
Coax,RoHSPE39803-144
URL:http://www.pasternack.com/7-16-MALE-7-16-MALE-1-2-Super-Flexible-Cable-PE39803-144-p.aspx
PE39803-144REVA
PE39803-144
7/16DINMaleto7/16DINMaleLowPIMCable144Inch
LengthUsing1/2inchSuperflexibleCoax,RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com