Electronic Components Datasheet Search
  English  ▼

X  

HIP4082 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP4082
Description  80V, 1.25A Peak Current H-Bridge FET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4082 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP4082 Datasheet HTML 1Page - Intersil Corporation HIP4082 Datasheet HTML 2Page - Intersil Corporation HIP4082 Datasheet HTML 3Page - Intersil Corporation HIP4082 Datasheet HTML 4Page - Intersil Corporation HIP4082 Datasheet HTML 5Page - Intersil Corporation HIP4082 Datasheet HTML 6Page - Intersil Corporation HIP4082 Datasheet HTML 7Page - Intersil Corporation HIP4082 Datasheet HTML 8Page - Intersil Corporation HIP4082 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
80V, 1.25A Peak Current H-Bridge
FET Driver
The HIP4082 is a medium frequency, medium voltage
H-Bridge N-Channel MOSFET driver IC, available in 16 lead
plastic SOIC (N) and DIP packages.
Specifically targeted for PWM motor control and UPS
applications, bridge based designs are made simple and
flexible with the HIP4082 H-bridge driver. With operation up
to 80V, the device is best suited to applications of moderate
power levels.
Similar to the HIP4081, it has a flexible input protocol for
driving every possible switch combination except those
which would cause a shoot-through condition. The
HIP4082’s reduced drive current allows smaller packaging
and it has a much wider range of programmable dead times
(0.1 to 4.5
µs) making it ideal for switching frequencies up to
200kHz. The HIP4082 does not contain an internal charge
pump, but does incorporate non-latching level-shift
translation control of the upper drive circuits.
This set of features and specifications is optimized for
applications where size and cost are important. For
applications needing higher drive capability the HIP4080A
and HIP4081A are recommended.
Features
• Independently Drives 4 N-Channel FET in Half Bridge or
Full Bridge Configurations
• Bootstrap Supply Max Voltage to 95VDC
• Drives 1000pF Load in Free Air at 50°C with Rise and Fall
Times of Typically 15ns
• User-Programmable Dead Time (0.1 to 4.5
µs)
• DIS (Disable) Overrides Input Control and Refreshes
Bootstrap Capacitor when Pulled Low
• Input Logic Thresholds Compatible with 5V to 15V Logic
Levels
• Shoot-Through Protection
• Undervoltage Protection
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• UPS Systems
• DC Motor Controls
• Full Bridge Power Supplies
• Switching Power Amplifiers
• Noise Cancellation Systems
• Battery Powered Vehicles
• Peripherals
• Medium/Large Voice Coil Motors
• Related Literature
- TB363, Guidelines for Handling and Processing
Moisture Sensitive Surface Mount Devices (SMDs)
Pinout
HIP4082
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
HIP4082IB*
HIP4082IB
-55 to +125 16 Ld SOIC (N) M16.15
HIP4082IBZ*
(Note)
4082IBZ
-55 to +125 16 Ld SOIC (N)
(Pb-free)
M16.15
HIP4082IP
HIP4082IP
-55 to +125 16 Ld PDIP
E16.3
HIP4082IPZ
(Note)
HIP4082IPZ -55 to +125 16 Ld PDIP**
(Pb-free)
E16.3
*Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of IPC/
JEDEC J STD-020.
**Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
BHB
BHI
BLI
ALI
DEL
VSS
DIS
AHI
BHO
BLO
ALO
VDD
AHS
AHO
AHB
BHS
January 3, 2006
HIP4082
Data Sheet
FN3676.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Harris Corporation 1995. Copyright Intersil Americas Inc. 2003-2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HIP4082

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4082 INTERSIL-HIP4082 Datasheet
302Kb / 12P
80V, 1.25A Peak Current H-Bridge FET Driver
January 3, 2006
logo
Renesas Technology Corp
HIP4082 RENESAS-HIP4082 Datasheet
624Kb / 14P
80V, 1.25A Peak Current H-Bridge FET Driver
logo
Intersil Corporation
HIP4082 INTERSIL-HIP4082 Datasheet
309Kb / 14P
80V, 1.25A Peak Current H-Bridge FET Driver
September 30, 2015
HIP4082IB INTERSIL-HIP4082IB Datasheet
302Kb / 12P
80V, 1.25A Peak Current H-Bridge FET Driver
January 3, 2006
HIP4082IB INTERSIL-HIP4082IB Datasheet
309Kb / 14P
80V, 1.25A Peak Current H-Bridge FET Driver
September 30, 2015
More results

Similar Description - HIP4082

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6700 INTERSIL-ISL6700 Datasheet
255Kb / 8P
80V/1.25A Peak, Medium Frequency, Low Cost, Half-Bridge Driver
December 29, 2004
ISL83202 INTERSIL-ISL83202 Datasheet
227Kb / 12P
55V, 1A Peak Current H-Bridge FET Driver
December 20, 2006
HIP4086 INTERSIL-HIP4086_11 Datasheet
486Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver 1.25A peak turn-off current
June 1, 2011
HIP4082IBZT INTERSIL-HIP4082IBZT Datasheet
302Kb / 12P
80V, 1.25A Peak Current H-Bridge FET Driver
January 3, 2006
HIP4082IB INTERSIL-HIP4082IB Datasheet
309Kb / 14P
80V, 1.25A Peak Current H-Bridge FET Driver
September 30, 2015
ISL6700IB INTERSIL-ISL6700IB Datasheet
258Kb / 8P
80V/1.25A Peak, Medium Frequency, Low Cost, Half-Bridge Driver
December 29, 2004
ISL83202IBZ INTERSIL-ISL83202IBZ Datasheet
230Kb / 12P
55V, 1A Peak Current H-Bridge FET Driver
December 20, 2006
logo
Renesas Technology Corp
ISL6700 RENESAS-ISL6700 Datasheet
435Kb / 8P
80V/1.25A Peak, Medium Frequency, Low Cost, Half-Bridge Driver
HIP4082 RENESAS-HIP4082 Datasheet
624Kb / 14P
80V, 1.25A Peak Current H-Bridge FET Driver
ISL83202 RENESAS-ISL83202 Datasheet
558Kb / 12P
55V, 1A Peak Current H-Bridge FET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com