Electronic Components Datasheet Search
  English  ▼

X  

HIP4082IB Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIP4082IB
Description  80V, 1.25A Peak Current H-Bridge FET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4082IB Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HIP4082IB Datasheet HTML 2Page - Intersil Corporation HIP4082IB Datasheet HTML 3Page - Intersil Corporation HIP4082IB Datasheet HTML 4Page - Intersil Corporation HIP4082IB Datasheet HTML 5Page - Intersil Corporation HIP4082IB Datasheet HTML 6Page - Intersil Corporation HIP4082IB Datasheet HTML 7Page - Intersil Corporation HIP4082IB Datasheet HTML 8Page - Intersil Corporation HIP4082IB Datasheet HTML 9Page - Intersil Corporation HIP4082IB Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN3676.4
January 3, 2006
HIP4082
Pin Descriptions
PIN
NUMBER
SYMBOL
DESCRIPTION
1
BHB
B High-side Bootstrap supply. External bootstrap diode and capacitor are required. Connect cathode of bootstrap
diode and positive side of bootstrap capacitor to this pin.
2
BHI
B High-side Input. Logic level input that controls BHO driver (Pin 16). BLI (Pin 3) high level input overrides BHI high
level input to prevent half-bridge shoot-through, see Truth Table. DIS (Pin 8) high level input overrides BHI high level
input. The pin can be driven by signal levels of 0V to 15V (no greater than VDD).
3
BLI
B Low-side Input. Logic level input that controls BLO driver (Pin 14). If BHI (Pin 2) is driven high or not connected
externally then BLI controls both BLO and BHO drivers, with dead time set by delay currents at DEL (Pin 5). DIS (Pin
8) high level input overrides BLI high level input. The pin can be driven by signal levels of 0V to 15V (no greater than
VDD).
4
ALI
A Low-side Input. Logic level input that controls ALO driver (Pin 13). If AHI (Pin 7) is driven high or not connected
externally then ALI controls both ALO and AHO drivers, with dead time set by delay currents at DEL (Pin 5). DIS (Pin
8) high level input overrides ALI high level input. The pin can be driven by signal levels of 0V to 15V (no greater than
VDD).
5
DEL
Turn-on DELay. Connect resistor from this pin to VSS to set timing current that defines the dead time between drivers.
All drivers turn-off with no adjustable delay, so the DEL resistor guarantees no shoot-through by delaying the turn-on
of all drivers. The voltage across the DEL resistor is approximately Vdd -2V.
6VSS
Chip negative supply, generally will be ground.
7
AHI
A High-side Input. Logic level input that controls AHO driver (Pin 10). ALI (Pin 4) high level input overrides AHI high
level input to prevent half-bridge shoot-through, see Truth Table. DIS (Pin 8) high level input overrides AHI high level
input. The pin can be driven by signal levels of 0V to 15V (no greater than VDD).
8
DIS
DISable input. Logic level input that when taken high sets all four outputs low. DIS high overrides all other inputs. When
DIS is taken low the outputs are controlled by the other inputs. The pin can be driven by signal levels of 0V to 15V (no
greater than VDD).
9
AHB
A High-side Bootstrap supply. External bootstrap diode and capacitor are required. Connect cathode of bootstrap
diode and positive side of bootstrap capacitor to this pin.
10
AHO
A High-side Output. Connect to gate of A High-side power MOSFET.
11
AHS
A High-side Source connection. Connect to source of A High-side power MOSFET. Connect negative side of bootstrap
capacitor to this pin.
12
VDD
Positive supply to control logic and lower gate drivers. De-couple this pin to VSS (Pin 6).
13
ALO
A Low-side Output. Connect to gate of A Low-side power MOSFET.
14
BLO
B Low-side Output. Connect to gate of B Low-side power MOSFET.
15
BHS
B High-side Source connection. Connect to source of B High-side power MOSFET. Connect negative side of bootstrap
capacitor to this pin.
16
BHO
B High-side Output. Connect to gate of B High-side power MOSFET.
HIP4082



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com