Electronic Components Datasheet Search
  English  ▼

X  

BDT83 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BDT83
Description  SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDT83 Datasheet(HTML) 3 Page - Comset Semiconductor

  BDT83 Datasheet HTML 1Page - Comset Semiconductor BDT83 Datasheet HTML 2Page - Comset Semiconductor BDT83 Datasheet HTML 3Page - Comset Semiconductor BDT83 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
 
 
 
NPN BDT81 – BDT83 – BDT85 – BDT87
09/11/2012
COMSET SEMICONDUCTORS
3 | 4
 
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)Sec
Min
Typ
Max
Unit
IS/B
Second breakdown
collector current
VCE= 50 V, tP = 100 ms
2.5
-
-
A
fT
Transition frequency
VCE= 10 V, IC= 0.5 A, f=1 MHz
-
20
-
MHz
ton
Turn-on time
IC= -7 A
IB1 = -IB2 = 0.7 A
-
-
1
µs
Toff
Turn-off time
-
-
2
(*) Pulse Duration = 300 µs, δ <= 2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com