Electronic Components Datasheet Search
  English  ▼

X  

BDT84 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BDT84
Description  SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDT84 Datasheet(HTML) 2 Page - Comset Semiconductor

  BDT84 Datasheet HTML 1Page - Comset Semiconductor BDT84 Datasheet HTML 2Page - Comset Semiconductor BDT84 Datasheet HTML 3Page - Comset Semiconductor BDT84 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
 
 
 
PNP BDT82 – BDT84 – BDT86 – BDT88
09/11/2012
COMSET SEMICONDUCTORS
2 | 4
 
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICB0
Collector Cutoff Current
IE=0A, VCB = -60 V
BDT82
-
-
-0.2
mA
IE=0A, VCB = -80 V
BDT84
IE=0A, VCB = -100 V
BDT86
IE=0A, VCB = -120 V
BDT88
ICES
Collector Cutoff Current
VBE=0, VCE = -60V
BDT82
-
-
-1
mA
VBE=0, VCE = -80V
BDT84
BDT86
VBE=0, VCE = -100V
VBE=0, VCE = -120V
BDT88
IEBO
Emitter Cutoff Current
VEB= -7 V
IC=0
BDT82
-
-
-0.1
mA
BDT84
BDT86
BDT88
hFE
DC Current Gain (*)
IC= -50mA
VCE= -10V
BDT82
40
-
-
-
BDT84
BDT86
BDT88
IC= -5A
VCE= -4V
BDT82
40
-
-
BDT84
BDT86
BDT88
VCE(SAT)
Collector-Emitter
Saturation Voltage (*)
IC= -5A
IB= -0.5A
BDT82
-
-
-1
V
BDT84
BDT86
BDT88
IC= -5A
IB= -0.5A
BDT82
-
-
-1.6
BDT84
BDT86
BDT88
VBE
Base-Emitter Voltage (*)
IC= -7A
IB= -0.7A
BDT82
-
-
-1.5
V
BDT84
BDT86
BDT88



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com