Electronic Components Datasheet Search
  English  ▼

X  

BDV67D Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BDV67D
Description  NPN SILICON DARLINGTONS POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDV67D Datasheet(HTML) 3 Page - Comset Semiconductor

  BDV67D Datasheet HTML 1Page - Comset Semiconductor BDV67D Datasheet HTML 2Page - Comset Semiconductor BDV67D Datasheet HTML 3Page - Comset Semiconductor BDV67D Datasheet HTML 4Page - Comset Semiconductor BDV67D Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BDV67-A-B-C-D
26/09/2012
COMSET SEMICONDUCTORS
3/5
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Mx
Unit
ICEO
Collector Cutoff
Current
VCE= 30 V, IB= 0
BDV67
-
-
1
mA
VCE= 40 V, IB= 0
BDV67A
-
-
VCE= 50 V, IB= 0
BDV67B
-
-
VCE= 60 V, IB= 0
BDV67C
-
-
VCE= 75 V, IB= 0
BDV67D
-
-
IEBO
Emitter Cutoff Current
VBE= 5 V, Ic= 0
BDV67
-
-
5.0
mA
BDV67A
-
-
BDV67B
-
-
BDV67C
-
-
BDV67D
-
-
ICBO
Collector-Base Cutoff
Current
IB= 0
Tj=25°C
VCB= 80 V
BDV67
-
-
1
mA
VCB= 100 V BDV67A
-
-
VCB= 120 V BDV67B
-
-
VCB= 140 V BDV67C
-
-
VCB= 160 V BDV67D
-
-
IB= 0
Tj=150°
C
VCB= 40 V
BDV67
-
-
4
VCB= 50 V
BDV67A
-
-
VCB= 60 V
BDV67B
-
-
VCB= 70 V
BDV67C
-
-
VCB= 80 V
BDV67D
-
-
VCEO
Collector-emitter
Breakdown Voltage (*)
IC= 30 mA, IB= 0
BDV67
60
-
-
V
BDV67A
80
-
-
BDV67B
100
-
-
BDV67C
120
-
-
BDV67D
150
-
-
hFE
DC Current Gain (*)
VCE= 3 V, IC= 1 A
BDV67
BDV67A
BDV67B
BDV67C
BDV67D
-
3000
-
-
VCE= 3 V, IC= 10 A
1000
-
-
VCE= 3 V, IC= 16 A
-
1000
-
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC= 10 A, IB= 40 mA
BDV67
-
-
2
V
BDV67A
BDV67B
BDV67C
BDV67D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com