Electronic Components Datasheet Search
  English  ▼

X  

PE44734 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44734
Description  7/16 DIN Female Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Superflexible, PE-1/2SFHC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44734 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44734 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44734 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44734 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
7/16 DIN Female Connectors
These Pasternack Enterprises’ high performance connectors are designed to fit on most commercially available
1/2” superflexible, spiral corrugated copper cables and aluminum cables. These connectors are perfect for
applications requiring low PIM levels, with outstanding RF performance and are easy to install in the field.
Features of the new connectors include:
• Tri-metal coating resulting in a very durable surface with good corrosion protection while providing superior electrical
conductivity and exceptional PIM performance
• PIM performance of <= -160 dBc. VSWR levels of <= 1.10 up to 3GHz
• Available in 7/16 DIN and Type N series with both male and female interfaces
• O Rings gaskets provide a reliable long term weather seal
• Designed to fit on most commercially available 1/2” corrugated copper and aluminum cables
Configuration
Connector
7/16 DIN Female
Connector Interface Type
1/2” Superflexible,PE-1/2SFHC
Cable Attachment Method (Shield/Contact)
Clamp/Non-Solder Contact
Connector Design
Low PIM
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 3
Impedance, Ohms
50
Maximum VSWR
1.1:1
Maximum Insertion Loss, dB
0.1
Dielectric Withstanding Voltage, Vrms
3,000
Maximum Passive Intermodulation (2 x 20 Watts), dBc
-160
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +85
Size
Length, in [mm]
1.99 [50.55]
Width/Dia., in [mm]
1.14 [28.96]
.
Weight, lbs [g]
0.28 [127.01]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Female Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2” Super-
flexible, PE-1/2SFHC PE44734
PE44734
PE44734 REV 01
7/16 DIN Female Low PIM Connector Clamp/Non-Solder
Contact Attachment For 1/2” Superflexible, PE-1/2SFHC


Similar Part No. - PE44734

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4473 PASTERNACK-PE4473 Datasheet
108Kb / 1P
HN MALE CRIMP ATTACHMENT
PE44731 PASTERNACK-PE44731 Datasheet
254Kb / 3P
N Female Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Superflexible, PE-1/2SFHC
PE44732 PASTERNACK-PE44732 Datasheet
258Kb / 3P
7/16 DIN Male Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Superflexible, PE-1/2SFHC
PE44735 PASTERNACK-PE44735 Datasheet
254Kb / 3P
N Male Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Flexible, PE-1/2FAC
PE44737 PASTERNACK-PE44737 Datasheet
253Kb / 3P
N Female Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Flexible, PE-1/2FAC
More results

Similar Description - PE44734

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44727 PASTERNACK-PE44727 Datasheet
252Kb / 3P
N Female Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/4??Superflexible, PE-1/4SFHC
PE44726 PASTERNACK-PE44726 Datasheet
253Kb / 3P
N Male Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/4??Superflexible, PE-1/4SFHC
PE44728 PASTERNACK-PE44728 Datasheet
258Kb / 3P
7/16 DIN Male Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/4??Superflexible, PE-1/4SFHC
PE44729 PASTERNACK-PE44729 Datasheet
255Kb / 3P
N Male Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Superflexible, PE-1/2SFHC
PE44731 PASTERNACK-PE44731 Datasheet
254Kb / 3P
N Female Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Superflexible, PE-1/2SFHC
PE44732 PASTERNACK-PE44732 Datasheet
258Kb / 3P
7/16 DIN Male Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Superflexible, PE-1/2SFHC
PE44735 PASTERNACK-PE44735 Datasheet
254Kb / 3P
N Male Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Flexible, PE-1/2FAC
PE44737 PASTERNACK-PE44737 Datasheet
253Kb / 3P
N Female Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Flexible, PE-1/2FAC
PE44738 PASTERNACK-PE44738 Datasheet
257Kb / 3P
7/16 DIN Male Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Flexible, PE-1/2FAC
PE44740 PASTERNACK-PE44740 Datasheet
256Kb / 3P
7/16 DIN Female Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Flexible, PE-1/2FAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com