Electronic Components Datasheet Search
  English  ▼

X  

PE44738 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44738
Description  7/16 DIN Male Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Flexible, PE-1/2FAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44738 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44738 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44738 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44738 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Connector
Type
7/16 DIN Male
Mating Cycles
500
Contact Material and Plating
Spring Copper, Silver
Contact Plating Specification
200 [5] µ in. [µm] minimum
Outer Conductor Material and Plating
Brass, Tri-Metal
Outer Conductor Plating Specification
78 [2] µ in. [µm] minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
200 [5] µ in. [µm] minimum
Hex Size, mm
32
Torque, ft-lbs [Nm]
18.417 [24.97]
Body Material and Plating
Brass, Tri-Metal
Body Plating Specification
78 [2] µ in. [µm] minimum
Dielectric Type
TPX
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
7/16 DIN Male Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2” Flexible, PE-1/2FAC from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Male Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2” Flexible, PE-
1/2FAC PE44738
URL: http://www.pasternack.com/7-16-male-standard-1-2-inch-flexible-pe-1-2sfhc-connector-pe44738-p.aspx
7/16 DIN Male Low PIM Connector Clamp/Non-Solder
Contact Attachment For 1/2” Flexible, PE-1/2FAC
PE44738
PE44738 REV 01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com