Electronic Components Datasheet Search
  English  ▼

X  

PE91036 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91036
Description  Low PIM SMA Female to 7/16 DIN Male Adapter Low VSWR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91036 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91036 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91036 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91036 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Low PIM SMA Female to 7/16 DIN Male Adapter Low VSWR
• PIMlevels<-165dBc
• LowVSWRlevelsupto8GHz
• Tri-metalcoatingprovidesadurablesurfacewithgoodcorrosionprotectionabrasionresistanceandsuperior
electricalcontactproperties.
• Availableinvariousconnectorcombinationsincluding7/16DINin-series,TypeNin-series,and7/16DINtoTypeN
andSMAbetweenseries
• 4-holeflangeandbulkheadmountstylesavailable
• IdealchoiceforuseinportablePIMtestingapplications
Configuration
Connector1
SMAFemale
Impedance1
50Ohms
ConnectorSpecification1
MIL-STD-348
Connector2
7/16DINMale
Impedance2
50Ohms
ConnectorSpecification2
IEC169-4(0.232dia.Enhancement)
AdapterDesign
LowPIM
BodyStyle
Straight
Electrical Specifications
FrequencyRange,GHz
DCto7.5
MaximumVSWR
1.09:1
DielectricWithstandingVoltage,Vrms
1,000
MaximumPassiveIntermodulation(2x20Watts),dBc
-165
Frequency 1
Frequency,GHz
DCto7.5
VSWR
1.09:1
ReturnLoss,dB
27
Mechanical Specifications
Temperature
OperatingRange,degC
-55to+155
Size
Length,in[mm]
1.18[29.97]
Width/Dia.,in[mm]
1.25[31.75]
.
Weight,lbs[g]
0.18[81.65]
Connector 1
Type
SMAFemale
MatingCycles
100
InnerConductorMaterialandPlating
BerylliumCopper,Gold
Clickthefollowinglink(orenterpartnumberin“SEARCH”onwebsite)toobtainadditionalpartinformationincludingprice,
inventoryandcertifications:LowPIMSMAFemaleto7/16DINMaleAdapterLowVSWRPE91036
PE91036
PE91036REVA
LowPIMSMAFemaleto7/16DINMaleAdapterLowVSWR


Similar Part No. - PE91036

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9103 PASTERNACK-PE9103 Datasheet
253Kb / 3P
SMA Male to SMA Female Adapter
PE91030 PASTERNACK-PE91030 Datasheet
363Kb / 3P
Precision N Male to 7/16 DIN Male Adapter Low PIM, Low VSWR
PE91031 PASTERNACK-PE91031 Datasheet
457Kb / 4P
Low PIM N Female to 7/16 DIN Male Adapter Low VSWR
PE91032 PASTERNACK-PE91032 Datasheet
365Kb / 3P
Precision N Male to 7/16 DIN Female Adapter Low PIM, Low VSWR
PE91033 PASTERNACK-PE91033 Datasheet
360Kb / 3P
Precision N Female to 7/16 DIN Female Adapter Low PIM, Low VSWR
More results

Similar Description - PE91036

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91028 PASTERNACK-PE91028 Datasheet
362Kb / 3P
Precision 7/16 DIN Male to 7/16 DIN Female Adapter Low PIM, Low VSWR
PE91029 PASTERNACK-PE91029 Datasheet
353Kb / 3P
Precision 7/16 DIN Female to 7/16 DIN Female Adapter Low PIM, Low VSWR
PE91031 PASTERNACK-PE91031 Datasheet
457Kb / 4P
Low PIM N Female to 7/16 DIN Male Adapter Low VSWR
PE91032 PASTERNACK-PE91032 Datasheet
365Kb / 3P
Precision N Male to 7/16 DIN Female Adapter Low PIM, Low VSWR
PE91038 PASTERNACK-PE91038 Datasheet
366Kb / 3P
Precision 7/16 DIN Female to 7/16 DIN Female Bulkhead Adapter Low PIM, Low VSWR
PE91039 PASTERNACK-PE91039 Datasheet
360Kb / 3P
Precision 7/16 DIN Male to 7/16 DIN Male Adapter Low PIM, Low VSWR
PE91041 PASTERNACK-PE91041 Datasheet
360Kb / 3P
Precision SMA Male to 7/16 DIN Female Adapter Low PIM, Low VSWR
PE91042 PASTERNACK-PE91042 Datasheet
356Kb / 3P
Precision SMA Female to 7/16 DIN Female Adapter Low PIM, Low VSWR
PE91043 PASTERNACK-PE91043 Datasheet
348Kb / 3P
Precision SMA Male to 7/16 DIN Male Adapter Low PIM, Low VSWR
PE91033 PASTERNACK-PE91033 Datasheet
262Kb / 3P
Low PIM N Female to 7/16 DIN Female Adapter Low VSWR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com