Electronic Components Datasheet Search
  English  ▼

X  

PE91040 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91040
Description  Low PIM N Male to N Female Adapter Low VSWR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91040 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91040 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91040 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91040 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Low PIM N Male to N Female Adapter Low VSWR
• PIMlevels<-165dBc
• LowVSWRlevelsupto8GHz
• Tri-metalcoatingprovidesadurablesurfacewithgoodcorrosionprotectionabrasionresistanceandsuperior
electricalcontactproperties.
• Availableinvariousconnectorcombinationsincluding7/16DINin-series,TypeNin-series,and7/16DINtoTypeN
andSMAbetweenseries
• 4-holeflangeandbulkheadmountstylesavailable
• IdealchoiceforuseinportablePIMtestingapplications
Configuration
Connector1
NMale
Impedance1
50Ohms
ConnectorSpecification1
MIL-STD-348
Connector2
NFemale
Impedance2
50Ohms
ConnectorSpecification2
MIL-STD-348
AdapterDesign
LowPIM
BodyStyle
Straight
Electrical Specifications
FrequencyRange,GHz
DCto12.4
MaximumVSWR
1.29:1
DielectricWithstandingVoltage,Vrms
2,500
MaximumPassiveIntermodulation(2x20Watts),dBc
-165
Frequency 1
Frequency,GHz
DCto2
VSWR
1.09:1
ReturnLoss,dB
28
Frequency 2
Frequency,GHz
2to12.4
VSWR
1.29:1
ReturnLoss,dB
18
Mechanical Specifications
Temperature
OperatingRange,degC
-65to+165
Size
Length,in[mm]
1.68[42.67]
Width/Dia.,in[mm]
0.812[20.62]
.
Weight,lbs[g]
0.12[54.43]
Clickthefollowinglink(orenterpartnumberin“SEARCH”onwebsite)toobtainadditionalpartinformationincludingprice,
inventoryandcertifications:LowPIMNMaletoNFemaleAdapterLowVSWRPE91040
PE91040
PE91040REVA
LowPIMNMaletoNFemaleAdapterLowVSWR


Similar Part No. - PE91040

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9104 PASTERNACK-PE9104 Datasheet
256Kb / 3P
SMA Female to N Female 4 Hole Flange Adapter
PE91041 PASTERNACK-PE91041 Datasheet
360Kb / 3P
Precision SMA Male to 7/16 DIN Female Adapter Low PIM, Low VSWR
PE91042 PASTERNACK-PE91042 Datasheet
356Kb / 3P
Precision SMA Female to 7/16 DIN Female Adapter Low PIM, Low VSWR
PE91043 PASTERNACK-PE91043 Datasheet
348Kb / 3P
Precision SMA Male to 7/16 DIN Male Adapter Low PIM, Low VSWR
PE91044 PASTERNACK-PE91044 Datasheet
746Kb / 2P
75 Ohm SMC Jack to 50 Ohm BNC Female Adapter
More results

Similar Description - PE91040

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91030 PASTERNACK-PE91030 Datasheet
363Kb / 3P
Precision N Male to 7/16 DIN Male Adapter Low PIM, Low VSWR
PE91031 PASTERNACK-PE91031 Datasheet
457Kb / 4P
Low PIM N Female to 7/16 DIN Male Adapter Low VSWR
PE91032 PASTERNACK-PE91032 Datasheet
365Kb / 3P
Precision N Male to 7/16 DIN Female Adapter Low PIM, Low VSWR
PE91033 PASTERNACK-PE91033 Datasheet
360Kb / 3P
Precision N Female to 7/16 DIN Female Adapter Low PIM, Low VSWR
logo
Amphenol Corporation
172372 AMPHENOL-172372 Datasheet
374Kb / 1P
N MALE TO N FEMALE ADAPTER, LOW PIM
242265 AMPHENOL-242265 Datasheet
374Kb / 1P
N FEMALE TO SMA MALE ADAPTER, LOW PIM
logo
Pasternack Enterprises,...
PE91033 PASTERNACK-PE91033 Datasheet
262Kb / 3P
Low PIM N Female to 7/16 DIN Female Adapter Low VSWR
PE91034 PASTERNACK-PE91034 Datasheet
260Kb / 3P
Low PIM N Male to N Male Adapter Low VSWR
PE91035 PASTERNACK-PE91035 Datasheet
259Kb / 3P
Low PIM N Female to N Female Adapter Low VSWR
PE91177 PASTERNACK-PE91177 Datasheet
326Kb / 3P
Low PIM N Male to SMA Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com