| Electronic Components Datasheet Search |
|
ICL3232CV Datasheet(PDF) 21 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
ICL3232CV Datasheet(HTML) 21 Page - Intersil Corporation |
|
21 / 28 page ![]() 21 FN4805.21 March 1, 2006 ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243 Small Outline Plastic Packages (SSOP) NOTES: 1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension “D” does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.20mm (0.0078 inch) per side. 4. Dimension “E” does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.20mm (0.0078 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. “L” is the length of terminal for soldering to a substrate. 7. “N” is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. Dimension “B” does not include dambar protrusion. Allowable dambar protrusion shall be 0.13mm (0.005 inch) total in excess of “B” dimen- sion at maximum material condition. 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact. INDEX AREA E D N 12 3 -B- 0.25(0.010) C A M BS e -A- L B M -C- A1 A SEATING PLANE 0.10(0.004) C H 0.25(0.010) B M M α 0.25 0.010 GAUGE PLANE A2 M16.209 (JEDEC MO-150-AC ISSUE B) 16 LEAD SHRINK SMALL OUTLINE PLASTIC PACKAGE SYMBOL INCHES MILLIMETERS NOTES MIN MAX MIN MAX A - 0.078 - 2.00 - A1 0.002 - 0.05 - - A2 0.065 0.072 1.65 1.85 - B 0.009 0.014 0.22 0.38 9 C 0.004 0.009 0.09 0.25 - D 0.233 0.255 5.90 6.50 3 E 0.197 0.220 5.00 5.60 4 e 0.026 BSC 0.65 BSC - H 0.292 0.322 7.40 8.20 - L 0.022 0.037 0.55 0.95 6 N16 16 7 α 0° 8° 0° 8° - Rev. 3 6/05 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |