Electronic Components Datasheet Search
  English  ▼

X  

BDX33A Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BDX33A
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX33A Datasheet(HTML) 2 Page - Comset Semiconductor

  BDX33A Datasheet HTML 1Page - Comset Semiconductor BDX33A Datasheet HTML 2Page - Comset Semiconductor BDX33A Datasheet HTML 3Page - Comset Semiconductor BDX33A Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN BDX33 – BDX33A – BDX33B – BDX33C
23/10/2012
COMSET SEMICONDUCTORS
2/4
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO(SUS)
Collector-Emitter
Breakdown Voltage (*)
IC=100 mA
BDX33
45
-
-
V
BDX33A
60
-
-
BDX33B
80
-
-
BDX33C
100
-
-
VCER(SUS)
Collector-Emitter
Sustaining Voltage (*)
IB=100 mA,
RBE=100Ω
BDX33
45
-
-
V
BDX33A
60
-
-
BDX33B
80
-
-
BDX33C
100
-
-
VCEV(SUS)
Collector-Emitter
Sustaining Voltage (*)
IC=100 mA
VBE=-1.5 V
BDX33
45
-
-
V
BDX33A
60
-
-
BDX33B
80
-
-
BDX33C
100
-
-
ICEO
Collector Cutoff Current
VCB=22V
BDX33
-
-
0.5
mA
VCB=30V
BDX33A
-
-
VCB=40V
BDX33B
-
-
VCB=50V
BDX33C
-
-
VCB=22V, TC=100°C BDX33
-
-
10
VCB=30V, TC=100°C BDX33A
-
-
VCB=40V, TC=100°C BDX33B
-
-
VCB=50V, TC=100°C BDX33C
-
-
IEBO
Emitter Cutoff Current
VBE=-5 V
BDX33
-
-
5.0
mA
BDX33A
BDX33B
BDX33C
BDX33
BDX33A
BDX33B
BDX33C
ICBO
Collector-Base Cutoff
Current
VCBO=45 V
BDX33
-
-
0.2
mA
VCBO=60 V
BDX33A
-
-
VCBO=80 V
BDX33B
-
-
VCBO=100 V
BDX33C
-
-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com