Electronic Components Datasheet Search
  English  ▼

X  

BDX33 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BDX33
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX33 Datasheet(HTML) 3 Page - Comset Semiconductor

  BDX33 Datasheet HTML 1Page - Comset Semiconductor BDX33 Datasheet HTML 2Page - Comset Semiconductor BDX33 Datasheet HTML 3Page - Comset Semiconductor BDX33 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NPN BDX33 – BDX33A – BDX33B – BDX33C
23/10/2012
COMSET SEMICONDUCTORS
3/4
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector-Base Cutoff
Current
VCBO=45 V
TC=100°C
BDX33
-
-
5
mA
VCBO=60 V
TC=100°C
BDX33A
-
-
VCBO=80 V
TC=100°C
BDX33B
-
-
VCBO=100 V
TC=100°C
BDX33C
-
-
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC=4.0 A, IB=8.0 mA
BDX33
-
-
2.5
V
BDX33A
BDX33B
BDX33C
IC=3.0 A, IB=6.0 mA
BDX33
-
-
2.5
BDX33A
BDX33B
BDX33C
VF
Forward Voltage (pulse
method)
IF=8 A
BDX33
-
-
4.0
V
BDX33A
BDX33B
BDX33C
VBE
Base-Emitter Voltage (*)
IC=4.0 A, VCE=3.0V
BDX33
-
-
2.5
V
BDX33A
IC=3.0 A, VCE=3.0V
BDX33B
-
-
2.5
BDX33C
hFE
DC Current Gain (*)
VCE=3.0 V, IC=4.0 A
BDX33
750
-
-
-
BDX33A
VCE=3.0 V, IC=3.0 A
BDX33B
750
-
-
BDX33C
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com