Electronic Components Datasheet Search
  English  ▼

X  

BDX44 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BDX44
Description  SILICON PLANAR DARLINGTON TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX44 Datasheet(HTML) 2 Page - Comset Semiconductor

  BDX44 Datasheet HTML 1Page - Comset Semiconductor BDX44 Datasheet HTML 2Page - Comset Semiconductor BDX44 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN BDX42 – BDX43– BDX44
24/10/2012
COMSET SEMICONDUCTORS
2 | 3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICES
Collector cut-off current
VBE = 0 ; VCE = 45V
BDX42
-
-
10
µA
VBE = 0 ; VCE = 60V
BDX43
-
-
10
VBE = 0 ; VCE = 80V
BDX44
-
-
10
IEBO
Emitter cut-off current
IC =0 ; VEB = 4V
BDX42
-
-
10
µA
BDX43
-
-
10
BDX44
-
-
10
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC=500 m A, IB=0.5 mA
BDX42
-
-
1.3
V
BDX43
-
-
1.3
BDX44
-
-
1.3
IC=1.0 A, IB=1.0 mA
BDX43
-
-
1.6
IC=1.0 A, IB=4.0 mA
BDX42
-
-
1.6
BDX44
-
-
1.6
IC=500 m A, IB=0.5 mA
Tj=150 °C
BDX42
-
-
1.3
BDX43
-
-
1.3
BDX44
-
-
1.3
IC=1.0 A, IB=1.0 mA
Tj=150 °C
BDX43
-
-
1.8
IC=1.0 A, IB=4.0 mA
Tj=150 °C
BDX42
-
-
1.6
BDX44
-
-
1.6
VBE(SAT)
Base-Emitter saturation
Voltage (*)
IC=500 m A, IB=0.5 mA
BDX42
-
-
1.9
V
BDX43
-
-
1.9
BDX44
-
-
1.9
IC=1.0 A, IB=1.0 mA
BDX43
-
-
2.2
IC=1.0 A, IB=4.0 mA
BDX42
-
-
2.2
BDX44
-
-
2.2
hFE
DC Current Gain
VCE=10 V, IC=150 mA
BDX42
1000
-
-
-
BDX43
1000
-
-
BDX44
1000
-
-
VCE=10 V, IC=500 mA
BDX42
2000
-
-
BDX43
2000
-
-
BDX44
2000
-
-
hfe
Small Signal Current
Gain
VCE=5.0 V, IC=500 mA
f=35MHz
BDX42
-
10
-
-
BDX43
-
10
-
BDX44
-
10
-
ton
Turn-on time
IC=500 mA
IBon= -IBoff=0.5 mA
-
400
-
ns
toff
Turn-off time
-
1500
-
ton
Turn-on time
IC=1 A
IBon= -IBoff=1.0 mA
-
400
-
ns
toff
Turn-off time
-
1500
-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com