Electronic Components Datasheet Search
  English  ▼

X  

BDX62 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BDX62
Description  PNP SILICON DARLINGTON POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX62 Datasheet(HTML) 2 Page - Comset Semiconductor

  BDX62 Datasheet HTML 1Page - Comset Semiconductor BDX62 Datasheet HTML 2Page - Comset Semiconductor BDX62 Datasheet HTML 3Page - Comset Semiconductor BDX62 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BDX62 – A – B – C
24/10/2012
COMSET SEMICONDUCTORS
2 | 4
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO(SUS)
Collector-Emitter Breakdown
Voltage (*)
IC=-0.1 A
IB=0
L=25mH
BDX62
-60
-
-
V
BDX62A
-80
-
-
BDX62B
-100
-
-
BDX62C
-120
-
-
ICEO
Collector Cutoff Current
VCE=-30 V
BDX62
-
-
-0.5
mA
VCE=-40 V
BDX62A
-
-
VCE=-50 V
BDX62B
-
-
VCE=-60 V
BDX62C
-
-
IEBO
Emitter Cutoff Current
VBE=-5 V
BDX62
-
-
-5.0
mA
BDX62A
BDX62B
BDX62C
ICBO
Collector-Base Cutoff Current
VCBO=-60 V
BDX62
-
-
-0.2
-
VCBO=-40 V
TCASE=200°C
-
-
-2
VCBO=-80 V
BDX62A
-
-
-0.2
VCBO=-50 V
TCASE=200°C
-
-
-2
VCBO=-100 V
BDX62B
-
-
-0.2
VCBO=-60 V
TCASE=200°C
-
-
-2
VCBO=-120 V
BDX62C
-
-
-0.2
VCBO=-70 V
TCASE=200°
-
-
-2
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=-3.0 A
IB=-12 mA
BDX62
-
-
-2
V
BDX62A
BDX62B
BDX62C
VF
Forward Voltage (pulse
method)
IF=3 A
BDX62
-
-
-2.5
V
BDX62A
BDX62B
BDX62C
VBE
Base-Emitter Voltage (*)
IC=-3.0 A
VCE=-3V
BDX62
-
-
-
V
BDX62A
BDX62B
BDX62C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com