Electronic Components Datasheet Search
  English  ▼

X  

BDX65 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BDX65
Description  NPN SILICON DARLINGTON POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX65 Datasheet(HTML) 1 Page - Comset Semiconductor

  BDX65 Datasheet HTML 1Page - Comset Semiconductor BDX65 Datasheet HTML 2Page - Comset Semiconductor BDX65 Datasheet HTML 3Page - Comset Semiconductor BDX65 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BDX65 – A – B – C
24/10/2012
COMSET SEMICONDUCTORS
1 | 4
NPN SILICON DARLINGTON POWER TRANSISTOR
The BDX65, BDX65A, BDX65 and BDX65C are mounted in TO-3 metal package.
High current power darlingtons designed for power amplification and switching applications.
The complementary PNP are BDX64, BDX64A, BDX64B, BDX64C.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
BDX65
60
V
BDX65A
80
BDX65B
100
BDX65C
120
VCBO
Collector-BaseVoltage
BDX65
80
V
BDX65A
100
BDX65B
120
BDX65C
140
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current
IC(RMS)
12
A
ICM
16
IB
Base Current
0.2
A
PT
Power Dissipation
@ TC = 25°
117
W
TJ
Junction Temperature
-55 to +200
°C
TS
Storage Temperature
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-C
Thermal Resistance, Junction to Case
1.5
°C/W


Similar Part No. - BDX65

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX65 ETC-BDX65 Datasheet
167Kb / 4P
NPN SILICON DARLINGTONS
logo
Seme LAB
BDX65 SEME-LAB-BDX65 Datasheet
12Kb / 1P
Bipolar NPN Device
logo
Savantic, Inc.
BDX65 SAVANTIC-BDX65 Datasheet
111Kb / 3P
Silicon NPN Power Transistors
logo
Comset Semiconductor
BDX65 COMSET-BDX65 Datasheet
161Kb / 4P
NPN SILICON DARLINGTONS
logo
Inchange Semiconductor ...
BDX65 ISC-BDX65 Datasheet
130Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BDX65

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1630 NEC-2SD1630 Datasheet
125Kb / 2P
NPN SILICON DARLINGTON POWER TRANSISTOR
logo
Microsemi Corporation
JANTX2N6284 MICROSEMI-JANTX2N6284 Datasheet
64Kb / 2P
NPN DARLINGTON POWER SILICON TRANSISTOR
logo
Micro Commercial Compon...
2N6045 MCC-2N6045 Datasheet
470Kb / 2P
NPN Silicon Power Darlington Transistor
TIP110 MCC-TIP110_11 Datasheet
234Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Central Semiconductor C...
BD675 CENTRAL-BD675 Datasheet
337Kb / 2P
NPN SILICON POWER DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
TIP152 NJSEMI-TIP152 Datasheet
84Kb / 2P
Silicon NPN Darlington Power Transistor
MJH11018 NJSEMI-MJH11018 Datasheet
84Kb / 2P
Silicon NPN Darlington Power Transistor
TIP142T NJSEMI-TIP142T Datasheet
80Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Inchange Semiconductor ...
2SD1072 ISC-2SD1072 Datasheet
259Kb / 2P
Silicon NPN Darlington Power Transistor
2SD1124 ISC-2SD1124 Datasheet
260Kb / 2P
Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com