Electronic Components Datasheet Search
  English  ▼

X  

BDX66C Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BDX66C
Description  PNP SILICON DARLINGTON POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX66C Datasheet(HTML) 3 Page - Comset Semiconductor

  BDX66C Datasheet HTML 1Page - Comset Semiconductor BDX66C Datasheet HTML 2Page - Comset Semiconductor BDX66C Datasheet HTML 3Page - Comset Semiconductor BDX66C Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BDX66 – A – B – C
24/10/2012
COMSET SEMICONDUCTORS
3/4
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
-VCE(SAT)
Collector-Emitter saturation
Voltage (*)
-IC=10 A
-IB=40 mA
BDX66
-
-
2
V
BDX66A
BDX66B
BDX66C
-VBE
Base-Emitter Voltage(1&2)
-VCE=3 V
-IC=10 A
BDX66
-
-
2,5
V
BDX66A
BDX66B
BDX66C
VF
Diode forward voltage
IF=10 A
BDX66
-
2
-
V
BDX66A
BDX66B
BDX66C
C22b
IE=0 A, -VCB=-10V
f=1 MHz
-
300
-
pF
ton
Switching characteristics
VCC=12V, -IC=10 A
-IB1= IB2=40 mA
-
1
-
µs
toff
-
3.5
-
fhfe
-VCE=3 V,-IC=5 A
BDX66
-
60
-
kHz
BDX66A
BDX66B
BDX66C
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com