Electronic Components Datasheet Search
  English  ▼

X  

BDX67C Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BDX67C
Description  NPN SILICON DARLINGTON POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDX67C Datasheet(HTML) 3 Page - Comset Semiconductor

  BDX67C Datasheet HTML 1Page - Comset Semiconductor BDX67C Datasheet HTML 2Page - Comset Semiconductor BDX67C Datasheet HTML 3Page - Comset Semiconductor BDX67C Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BDX67 – A – B – C
05/10/2012
COMSET SEMICONDUCTORS
3/4
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector-Base Cutoff
Current
TCASE=25°C
VCB=100 V
BDX67B
-
-
1
mA
TCASE=200°C
VCB=60 V
-
-
5
TCASE=25°C
VCB=120 V
BDX67C
-
-
1
TCASE=200°C
VCB=70 V
-
-
5
hFE
Dc Current Gain
VCE=3 V, IC=1 A
-
5200
-
-
VCE=3 V, IC=10 A
1000
-
-
VCE=3 V, IC=16 A
-
4000
-
VCE(SAT)
Collector-Emitter
Saturation Voltage (*)
IC=10 A
IB=40 mA
BDX67
-
-
2
V
BDX67A
BDX67B
BDX67C
VBE
Base-Emitter Voltage(1&2)
VCE=3 V
IC=10 A
BDX67
-
-
2,5
V
BDX67A
BDX67B
BDX67C
VF
Diode Forward Voltage
IF=10 A
BDX67
-
2,5
-
V
BDX67A
BDX67B
BDX67C
Cc
Collector Capacitance
IE=0 A
VCB=10V
BDX67
-
300
-
pF
BDX67A
BDX67B
BDX67C
ton
Switching Characteristics
VCC=12V
IC=-10 A
IB1=- IB2=0.04 A
BDX67
-
1
-
µs
BDX67A
BDX67B
BDX67C
toff
BDX67
-
3.5
-
BDX67A
BDX67B
BDX67C
fhfe
Small Signal Current Gain
VCE=-3 V
IC=-5 A
BDX67
-
50
-
kHz
BDX67A
BDX67B
BDX67C
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%
(1) collector-Emitter voltage limited et VCEci = V rated by an auxiliary circuit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com