Electronic Components Datasheet Search
  English  ▼

X  

BUV23 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BUV23
Description  POWER SWITCH APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BUV23 Datasheet(HTML) 1 Page - Comset Semiconductor

  BUV23 Datasheet HTML 1Page - Comset Semiconductor BUV23 Datasheet HTML 2Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
COMSET SEMICONDUCTORS
1/2
NPN BUV23
The BUV23 is silicon multiepitaxial mesa NPN transistors in Jedec TO-3.
They are intended for use in power switching appications in military and industrial equipments.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
IB = 0
325
V
VCBO
Collector-Base Voltage
IE = 0
400
V
VEBO
Emitter-Base Voltage
IC = 0
7.0
V
VCEX
Collector-Emitter Voltage
VBE = -1.5V
400
V
VCER
Collector-Emitter Voltage
RBE <= 100 Ω
390
V
IC
Collector Current
30
A
ICM
Collector Peak Current
tp = 10ms
40
A
IB
Base Current
6A
Pt
Total Power Dissipation
@ TC = 25°
250
Watts
TJ
Junction Temperature
200
°C
TStg
Storage Temperature
-65 to +200
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJC
Thermal Resistance, Junction to Case
0.7
°C/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx Unit
VCEO(SUS)
Collector-Emitter
Sustaining Voltage (1)
IC=200 mA, L= 25mH
325
-
-
V
VEB0(SUS)
Emitter-BaseBreakdown
Voltage (1)
IC=0A , IE=50 mA
7-
-
V
ICEO
Collector Cutoff Current
VCE=260 V , IB=0A
--
3
mA
VCE= VCEX , VBE= -1.5V
--
3
ICEX
Collector Cutoff Current
VCE= VCEX , VBE= -1.5V, Tcase = 125°C
--
12
mA
P
PO
OW
WE
ER
R S
SW
WIIT
TC
CH
H A
AP
PP
PL
LIIC
CA
AT
TIIO
ON
NS
S


Similar Part No. - BUV23

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUV23 MOTOROLA-BUV23 Datasheet
139Kb / 4P
30 AMPERES NPN SILICON POWER METAL TRANSISTOR 325 VOLTS 250 WATTS
logo
Savantic, Inc.
BUV23 SAVANTIC-BUV23 Datasheet
119Kb / 3P
Silicon NPN Power Transistors
logo
Comset Semiconductor
BUV23 COMSET-BUV23 Datasheet
204Kb / 2P
POWER SWITCH APPLICATIONS
logo
Seme LAB
BUV23 SEME-LAB-BUV23 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
logo
Inchange Semiconductor ...
BUV23 ISC-BUV23 Datasheet
131Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BUV23

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN7G10FE TOSHIBA-HN7G10FE Datasheet
498Kb / 7P
Power Management Switch Applications
SSM3K123TU TOSHIBA-SSM3K123TU Datasheet
161Kb / 6P
Power Management Switch Applications
SSM6L13TU TOSHIBA-SSM6L13TU Datasheet
186Kb / 8P
Power Management Switch Applications
logo
Comset Semiconductor
BUV23 COMSET-BUV23 Datasheet
204Kb / 2P
POWER SWITCH APPLICATIONS
logo
Toshiba Semiconductor
SSM3J46CTB TOSHIBA-SSM3J46CTB Datasheet
215Kb / 6P
Power Management Switch Applications
SSM6J412TU TOSHIBA-SSM6J412TU Datasheet
212Kb / 6P
Power Management Switch Applications
SSM6J501NU TOSHIBA-SSM6J501NU Datasheet
194Kb / 6P
Power Management Switch Applications
SSM6J502NU TOSHIBA-SSM6J502NU Datasheet
242Kb / 6P
Power Management Switch Applications
SSM6J503NU TOSHIBA-SSM6J503NU Datasheet
244Kb / 6P
Power Management Switch Applications
SSM6N39TU TOSHIBA-SSM6N39TU Datasheet
209Kb / 7P
Power Management Switch Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com