Electronic Components Datasheet Search
  English  ▼

X  

2SC5619 Datasheet(PDF) 3 Page - Isahaya Electronics Corporation

Part # 2SC5619
Description  FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

2SC5619 Datasheet(HTML) 3 Page - Isahaya Electronics Corporation

  2SC5619 Datasheet HTML 1Page - Isahaya Electronics Corporation 2SC5619 Datasheet HTML 2Page - Isahaya Electronics Corporation 2SC5619 Datasheet HTML 3Page - Isahaya Electronics Corporation 2SC5619 Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5619
FOR HIGH FREQUENCY AMPLIFY APPLICATION
SILICON NPN EPITAXIAL TYPE
ISAHAYA ELECTRONICS CORPORATION
-8
-6
-4
-2
0
2
4
6
8
-8
-6
-4
-2
0
2
4
6
8
S21
Polar Chart
-150°
-120°
-30°
-60°
-90°
30°
60°
90°
120°
150°
±180°
0°
S22
Smith Chart
-2.0
-1.0
-0.5
-0.2
0.0
2.0
1.0
0.5
0.2
1.0
0.2
0.5
S11
Smith Chart
-5.0
-2.0
-1.0
-0.5
-0.2
0.0
5.0
2.0
1.0
0.5
0.2
0.2
0.5
1.0
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
S12
Polar Chart
30 °
60 °
90°
12 0°
1 50°
± 180°
-15 0°
-12 0°
- 90°
-60 °
-3 0°
f=500MHz
f=2GHz
f=500MHz
f=2GHz
f=2GHz
f=500MHz
f=2GHz
f=500MHz
V CE =5V /IC=20m A
F requency
( MH z)
Ma g
A ng( deg)
Ma g
A ng ( deg )
Ma g
A ng( deg)
Ma g
A ng ( deg )
500
0.367
-154.0
5.781
86.8
0.078
62.1
0.357
-35.8
600
0.355
-163.0
4.888
82.1
0.090
63.1
0.349
-35.5
700
0.355
-171.0
4.241
78.2
0.102
63.9
0.337
-35.8
800
0.352
-178.1
3.734
74.0
0.113
64.4
0.321
-36.1
900
0.348
176.8
3.348
70.3
0.126
64.8
0.314
-35.9
1000
0.343
171.7
3.037
66.8
0.139
64.4
0.311
-38.2
1100
0.349
167.0
2.785
63.7
0.151
64.3
0.298
-38.4
1200
0.354
162.8
2.583
60.7
0.164
64.2
0.296
-40.1
1300
0.358
159.1
2.415
57.3
0.178
63.7
0.299
-42.2
1400
0.358
154.8
2.265
54.2
0.190
63.0
0.294
-44.0
1500
0.359
150.9
2.132
51.7
0.203
62.2
0.294
-46.5
1600
0.366
147.6
2.020
48.8
0.217
61.4
0.289
-48.7
1700
0.370
144.7
1.910
46.5
0.229
60.6
0.284
-51.4
1800
0.376
140.7
1.832
43.6
0.243
59.6
0.281
-53.8
1900
0.381
138.1
1.750
41.4
0.255
58.8
0.280
-56.6
2000
0.384
134.8
1.678
38.7
0.268
57.8
0.277
-59.2
S11
S21
S12
S22



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com