Electronic Components Datasheet Search
  English  ▼

X  

2SC5633 Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # 2SC5633
Description  FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

2SC5633 Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  2SC5633 Datasheet HTML 1Page - Isahaya Electronics Corporation 2SC5633 Datasheet HTML 2Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
2SC5633 is a super mini package resin sealed
silicon NPN epitaxial transistor,
It is designed for high voltage application.
FEATURE
●Low collector to emitter saturation voltage.
VCE(sat)=0.5V max
●Super mini package for easy mounting
APPLICATION
For Hybrid IC, DC-DC converter
〈SMALL-SIGNAL TRANSISTOR〉
2SC5633
FOR HIGH FREQUENCY AMPLIFY APPLICATION
SILICON NPN EPITAXIAL TYPE
OUTLINE DRAWING
Unit:mm
Note)
The dimension without tolerance represent central value.
MAXIMUM RATINGS(Ta=25℃)
Symbol
Parameter
Ratings
Unit
V
CBO
Collector to Base voltage
300
V
V
CEO
Collector to Emitter voltage
300
V
V
EBO
Emitter to Base voltage
7
V
I
O
Collector current
100
mA
P
c
Collector dissipation
500
mW
T
j
Junction temperature
+150
℃
T
stg
Storage temperature
-55~+150
℃
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Limits
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
C to B break down voltage
V(BR)CBO
I
C=50μA ,I E=0
300
-
-
V
E to B break down voltage
V(BR) EBO
I
E=50μA ,I C=0
7
-
-
V
C to E break down voltage
V(BR)CEO
I
C=1mA ,R BE=∞
300
-
-
V
Collector cut off current
ICBO
V
CB=300V, I E=0mA
-
-
0.5
μA
Emitter cut off current
IEBO
V
EB=5V, I C=0mA
-
-
0.5
μA
DC forward current gain
hFE
V
CE=10V, I C=10mA
60
-
305
C to E Saturation Vlotage
VCE(sat)
I
C=100mA ,IB=10mA
-
-
0.5
V
Gain bandwidth product
fT
V
CE=6V, I E=-10mA
-
40
-
MHz
Collector output capacitance
Cob
V
CB=6V, I E=0,f=1MHz
-
3.0
-
pF
ISAHAYA ELECTRONICS CORPORATION
TERMINAL CONNECTER
E: EMITTER
C: COLLECTOR
B: BASE
EIAJ : SC-62
JEDEC :
E
C
B
4.6 MAX
1.6
3.0
1.5
0.53
MAX
0.48 MAX
1.5
0.4
MARKING
MARKING
A J
Q
h
FE ITEM
TYPE NAME
LOT No.


Similar Part No. - 2SC5633

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SC5633 ISAHAYA-2SC5633 Datasheet
49Kb / 2P
SMALL-SIGNAL TRANSISTOR
More results

Similar Description - 2SC5633

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC5621 ETC-2SC5621 Datasheet
133Kb / 5P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
logo
Isahaya Electronics Cor...
2SC5636 ISAHAYA-2SC5636 Datasheet
88Kb / 4P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5634 ISAHAYA-2SC5634 Datasheet
95Kb / 4P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5635 ISAHAYA-2SC5635 Datasheet
95Kb / 4P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5726 ISAHAYA-2SC5726 Datasheet
46Kb / 2P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC3053 ISAHAYA-2SC3053 Datasheet
319Kb / 5P
FOR HIGH FREQUENCY AMPLIFY, MEDIUM FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC3053 ISAHAYA-2SC3053_10 Datasheet
247Kb / 6P
FOR HIGH FREQUENCY AMPLIFY, MEDIUM FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5477 ISAHAYA-2SC5477_10 Datasheet
166Kb / 4P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5619 ISAHAYA-2SC5619_13 Datasheet
157Kb / 4P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5621 ISAHAYA-2SC5621_13 Datasheet
188Kb / 4P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com