Electronic Components Datasheet Search
  English  ▼

X  

232ECBZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # 232ECBZ
Description  짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

232ECBZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button 232ECBZ Datasheet HTML 7Page - Intersil Corporation 232ECBZ Datasheet HTML 8Page - Intersil Corporation 232ECBZ Datasheet HTML 9Page - Intersil Corporation 232ECBZ Datasheet HTML 10Page - Intersil Corporation 232ECBZ Datasheet HTML 11Page - Intersil Corporation 232ECBZ Datasheet HTML 12Page - Intersil Corporation 232ECBZ Datasheet HTML 13Page - Intersil Corporation 232ECBZ Datasheet HTML 14Page - Intersil Corporation 232ECBZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
FN4315.16
November 4, 2005
HIN213E Operation in Shutdown
The HIN213E features two receivers, R4 and R5, which
remain active in shutdown mode. During normal operation
the receivers propagation delay is typically 0.5
µs. This
propagation delay may increase slightly during shutdown.
When entering shut down mode, receivers R4 and R5 are
not valid for 80
µs after SD = VIL. When exiting shutdown
mode, all receiver outputs will be invalid until the charge
pump circuitry reaches normal operating voltage. This is
typically less than 2ms when using 0.1
µF capacitors.
Application Information
The HIN2XXE may be used for all RS-232 data terminal and
communication links. It is particularly useful in applications
where
±12V power supplies are not available for
conventional RS-232 interface circuits. The applications
presented represent typical interface configurations.
A simple duplex RS-232 port with CTS/RTS handshaking is
illustrated in Figure 7. Fixed output signals such as DTR
(data terminal ready) and DSRS (data signaling rate select)
is generated by driving them through a 5k
Ω resistor
connected to V+.
In applications requiring four RS-232 inputs and outputs
(Figure 8), note that each circuit requires two charge pump
capacitors (C1 and C2) but can share common reservoir
capacitors (C3 and C4). The benefit of sharing common
reservoir capacitors is the elimination of two capacitors and
the reduction of the charge pump source impedance which
effectively increases the output swing of the transmitters.
ROUT
GND < VROUT < VCC
5k
Ω
RXIN
-30V < RXIN < +30V
GND
VCC
FIGURE 5. RECEIVER
TIN
VOL
VOL
tPLH
tPHL
AVERAGE PROPAGATION DELAY =
tPHL + tPLH
2
OR
RIN
TOUT
OR
ROUT
FIGURE 6. PROPAGATION DELAY DEFINITION
-
+
-
+
-
+
CTR (20) DATA
TERMINAL READY
DSRS (24) DATA
SIGNALING RATE
RS-232
INPUTS AND OUTPUTS
TD (2) TRANSMIT DATA
RTS (4) REQUEST TO SEND
RD (3) RECEIVE DATA
CTS (5) CLEAR TO SEND
SIGNAL GROUND (7)
15
8
13
7
14
16
-
+
6
R2
R1
T2
T1
9
12
10
11
4
5
3
1
HIN232E
C1
0.1
µF
C2
0.1
µF
TD
RTS
RD
CTS
SELECT
+5V
INPUTS
OUTPUTS
TTL/CMOS
FIGURE 7. SIMPLE DUPLEX RS-232 PORT WITH CTS/RTS
HANDSHAKING
HIN202E, HIN206E, HIN207E, HIN208E, HIN211E, HIN213E, HIN232E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com