Electronic Components Datasheet Search
  English  ▼

X  

BUX80 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BUX80
Description  HIGH CURRENT, HIGH SPEED, HIGH POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BUX80 Datasheet(HTML) 2 Page - Comset Semiconductor

  BUX80 Datasheet HTML 1Page - Comset Semiconductor BUX80 Datasheet HTML 2Page - Comset Semiconductor BUX80 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN BUX80
26/10/2012
COMSET SEMICONDUCTORS
2/3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO(SUS)
Collector-Emitter Sustaining
Voltage (*)
IC=100 mA
400
-
-
V
VCER
Collector-Emitter Sustaining
Voltage (*)
IC=100 mA
RBE = 50Ω
500
-
-
V
IEBO
Emitter Cutoff Current
VCE=10 V, IC=0
-
-
10
mA
ICES
Collector Cutoff Current
VCE= VCES, VBE= 0
-
-
1
mA
VCE= VCES, VBE= 0
Tcase = 125°C
-
-
3
hFE
DC Current Gain (*)
IC=1.2 A, VCE=5.0 V
-
30
-
-
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=5 A, IB=1 A
-
-
1.5
V
IC=8 A, IB=2.5 A
-
-
3
VBE(SAT)
Base-Emitter saturation
Voltage (*)
IC=5 A, IB=1 A
-
-
1.4
IC=8 A, IB=2.5 A
-
-
1.8
ton
Turn-on time
IC=5 A, IB=1 A
VCC=250 V
-
-
0.5
µs
ts
Storage time
IC=5 A, VCC=250 V
IB1 =1A, -IB2 =2 A
-
-
3.5
tf
File time
IC=5 A, VCC=-250 V
IB1 =1A, -IB2 =2 A
-
-
0.5
(*) Pulse Duration = 300
µs, Duty Cycle <= 1.5%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com