Electronic Components Datasheet Search
  English  ▼

X  

BUX98 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BUX98
Description  HIGH VOLTAGE FAST SWITCHING
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BUX98 Datasheet(HTML) 2 Page - Comset Semiconductor

  BUX98 Datasheet HTML 1Page - Comset Semiconductor BUX98 Datasheet HTML 2Page - Comset Semiconductor BUX98 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN BUX98
26/10/2012
COMSET SEMICONDUCTORS
2/3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO(SUS)
Collector-Emitter Sustaining
Voltage (*)
IC =100 mA
700
-
-
V
ICER
Collector Cutoff Current
VCE = VCES , RBE = 10Ω
-
-
1
mA
VCE = VCES , RBE = 10Ω
TCASE = 125°C
-
-
8
ICEO
Collector Cutoff Current
VCE = VCEO , IB =0A
-
-
2
mA
ICES
Collector Cutoff Current
VCE = VCES , VBE = 0
-
-
1
mA
VCE = VCES , VBE = 0
TCASE = 125°C
-
-
6
IEBO
Emitter Cutoff Current
VEB =5.0 V, IC=0
-
-
2
mA
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC =12 A , IB =3 A
-
-
1.5
V
IC =16 A , IB =5 A
-
-
2
IC =20 A , IB =8 A
-
-
3
VBE(SAT)
Base-Emitter saturation Voltage
(*)
IC =12 A , IB =3 A
-
-
1.6
IC =20 A , IB =8 A
-
-
2
ton
Turn-on time
RESISTIVE LOAD
IC=8 A , IB=1 A
VCC=150 V
IC=12 A , VCC=250 V
IB1 = -IB2 =3 A
-
0.5
1
µs
ts
Storage time
-
1.5
3
tf
File time
-
0.2
0.8
(*) Pulse Duration = 300
µs, Duty Cycle ≤ 1.5%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com