Electronic Components Datasheet Search
  English  ▼

X  

MJ4031 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # MJ4031
Description  MEDIUM POWER COMPLEMENTARY SILICON TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

MJ4031 Datasheet(HTML) 2 Page - Comset Semiconductor

  MJ4031 Datasheet HTML 1Page - Comset Semiconductor MJ4031 Datasheet HTML 2Page - Comset Semiconductor MJ4031 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PNP MJ4030 – MJ4031 – MJ4032
29/10/2012
COMSET SEMICONDUCTORS
2 | 3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO
Collector-Emitter
Voltage (*)
IC=-100 mA, IB=0
MJ4030
-60
-
-
V
MJ4031
-80
-
-
MJ4032
-100
ICEO
Collector Cutoff Current
VCE=-30 Vdc, IB=0
MJ4030
-
-
-3.0
mA
VCE=-40 Vdc, IB=0
MJ4031
-
-
VCE=-50 V, IB=0
MJ4032
-
-
IEBO
Emitter Cutoff Current
VBE=-5.0 V, IC=0
MJ4030
-
-
-5.0
mA
MJ4031
MJ4032
ICER
Collector-Emitter Leakage
Current
VCB=-60 V
RBE=1.0 kΩ
MJ4030
-
-
-1.0
mA
VCB=-80 V
RBE=1.0 kΩ
MJ4031
-
-
VCB=-100 V
RBE=1.0 kΩ
MJ4032
VCB=-60 V
RBE=1.0 kΩ
TC=150°C
MJ4030
-
-
-5.0
VCB=-80 V
RBE=1.0 kΩ
TC=150°C
MJ4031
-
-
VCB=-100 V
RBE=1.0 kΩ
TC=150°C
MJ4032
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=-10 A
IB=-40 mA
MJ4030
-
-
-2.5
V
MJ4031
MJ4032
IC=-16 A
IB=-80 mA
MJ4030
-
-
-4.0
MJ4031
MJ4032
VBE
Base-Emitter Voltage (*)
IC=-10 A
VCE=-3.0V
MJ4030
-
-
-3
V
MJ4031
MJ4032
hFE
DC Current Gain (*)
VCE=-10 V
IC=-3.0 A
MJ4030
1000
-
-
-
MJ4031
MJ4032
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com