Electronic Components Datasheet Search
  English  ▼

X  

MJ4033 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # MJ4033
Description  MEDIUM POWER COMPLEMENTARY SILICON TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

MJ4033 Datasheet(HTML) 1 Page - Comset Semiconductor

  MJ4033 Datasheet HTML 1Page - Comset Semiconductor MJ4033 Datasheet HTML 2Page - Comset Semiconductor MJ4033 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN MJ4033 – MJ4034 – MJ4035
29/10/2012
COMSET SEMICONDUCTORS
1 | 3
M
ME
ED
DIIU
UM
M P
PO
OW
WE
ER
R C
CO
OM
MP
PL
LE
EM
ME
EN
NT
TA
AR
RY
Y S
SIIL
LIIC
CO
ON
N
T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S
They are silicon epitaxial-base NPN power transistors in monolithic Darlington configuration
and are mounted in Jedec TO-3 metal case.
They are intented for use as output devices in complementary general purpose amplifier
applications.
The complementary PNP types are the MJ4030, MJ4031, MJ4032.
Compliance to RoHS
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCBO
Collector-Base Voltage
IE=0
MJ4033
60
V
MJ4034
80
MJ4035
100
VCEO
Collector-EmitterVoltage
IB=0
MJ4033
60
V
MJ4034
80
MJ4035
100
VEBO
Emitter-Base Voltage
IC=0
MJ4033
5.0
V
MJ4034
MJ4035
IC
Collector Current
16
A
IB
Base Current
0.5
A
PT
Power Dissipation
@ TC < 25°
150
W
TJ
Junction Temperature
200
°C
Ts
Storage Temperature
-65 to +200
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-C
Thermal Resistance, Junction to Case
1.17
°C/W


Similar Part No. - MJ4033

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ4033 MOSPEC-MJ4033 Datasheet
125Kb / 3P
POWER TRANSISTORS(16A,60-100V,150W)
logo
Central Semiconductor C...
MJ4033 CENTRAL-MJ4033 Datasheet
54Kb / 1P
Power Transistors
logo
Savantic, Inc.
MJ4033 SAVANTIC-MJ4033 Datasheet
110Kb / 3P
Silicon NPN Power Transistors
logo
Comset Semiconductor
MJ4033 COMSET-MJ4033 Datasheet
220Kb / 4P
MEDIUM POWER COMPLEMENTARY SILICON TRANSISTORS
logo
Savantic, Inc.
MJ4033 SAVANTIC-MJ4033 Datasheet
112Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - MJ4033

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ1000 MOTOROLA-MJ1000 Datasheet
139Kb / 4P
Medium-Power Complementary Silicon Transistors
logo
Boca Semiconductor Corp...
2N4231A BOCA-2N4231A Datasheet
196Kb / 4P
COMPLEMENTARY SILICON MEDIUM-POWER TRANSISTORS
2N6315 BOCA-2N6315 Datasheet
172Kb / 4P
COMPLEMENTARY SILICON MEDIUM-POWER TRANSISTORS
TIP110 BOCA-TIP110 Datasheet
153Kb / 3P
PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
Comset Semiconductor
MJ4030 COMSET-MJ4030 Datasheet
220Kb / 4P
MEDIUM POWER COMPLEMENTARY SILICON TRANSISTORS
MJ4030 COMSET-MJ4030_12 Datasheet
79Kb / 3P
MEDIUM POWER COMPLEMENTARY SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
2N6312 NJSEMI-2N6312 Datasheet
95Kb / 2P
COMPLEMENTARY SILICON MEDIUM-POWER TRANSISTORS
MJ4030 NJSEMI-MJ4030 Datasheet
88Kb / 2P
MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
MJ3000 NJSEMI-MJ3000 Datasheet
88Kb / 2P
Medium-Power Complementary Silicon Transistors
2N4231A NJSEMI-2N4231A Datasheet
95Kb / 2P
COMPLEMENTARY SILICON MEDIUM-POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com