Electronic Components Datasheet Search
  English  ▼

X  

CC3000MOD Datasheet(PDF) 1 Page - Texas Instruments

Part # CC3000MOD
Description  SimpleLink Wi-Fi CC3000 Module from Texas Instruments
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3000MOD Datasheet(HTML) 1 Page - Texas Instruments

  CC3000MOD Datasheet HTML 1Page - Texas Instruments CC3000MOD Datasheet HTML 2Page - Texas Instruments CC3000MOD Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CC3000
www.ti.com
SWRS127 – OCTOBER 2012
SimpleLink™ Wi-Fi® CC3000 Module from Texas Instruments
1
FEATURES
2
•
Wireless Network Processor
•
Small Form Factor
16.3mm x 13.5mm x 2mm
–
IEEE 802.11 b/g
•
Operating Temperature Range:
–
Embedded IPv4 TCP/IP Stack
–20°C to 70°C
•
Best-in-class Radio Performance:
•
Based in TI's 7th Generation of Proven Wi-Fi
–
Tx Power: +18dBm at 11Mbps, CCK
Solutions
–
Rx Sensitivity: –86dBm, 8% PER, 11Mbps
•
Complete Platform Solution Including User
•
Works with low MIPS, Low Cost
and Porting Guides, API Guide, Sample
Microcontrollers with Compact Memory
Applications, and Support Community
Footprint:
–
2KBytes Flash
APPLICATIONS
–
250Bytes RAM
•
Home Automation
•
FCC, IC and CE Certified with Chip Antenna
•
Home Security
•
HW Design Files and Design Guide Available
•
Connected Appliances
from TI
•
Smart Energy
•
Integrated Crystal and Power Management
•
M2M Communication
DESCRIPTION
The CC3000 is a self-contained wireless network processor that simplifies the process of implementing Internet
connectivity. SimpleLink™ Wi-Fi minimizes host microcontroller (MCU) software requirements making it the ideal
solution for embedded applications using any low-cost and low-power MCU.
The CC3000 is provided as a module by TI to reduce development time, lower manufacturing costs, save board
space, ease certification and minimize RF expertise required. Additionally, it is provided as a complete platform
solution including software drivers, sample applications, API guide, user documentation and a world-class
support community.
More information on TI’s wireless platform solutions for Wi-Fi can be found on TI's Wireless Connectivity Wiki
(www.ti.com/connectivitywiki).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the
Copyright © 2012, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - CC3000MOD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3000MOD TI-CC3000MOD Datasheet
643Kb / 16P
TI SimpleLink CC3000 Module . Wi-Fi 802.11b/g Network Processor
CC3000MOD TI1-CC3000MOD Datasheet
1Mb / 19P
Module ??Wi-Fi 802.11b/g Network Processor
CC3000MODR TI-CC3000MODR Datasheet
643Kb / 16P
TI SimpleLink CC3000 Module . Wi-Fi 802.11b/g Network Processor
CC3000MODR TI1-CC3000MODR Datasheet
1Mb / 19P
Module ??Wi-Fi 802.11b/g Network Processor
CC3000MODT TI1-CC3000MODT Datasheet
1Mb / 19P
Module ??Wi-Fi 802.11b/g Network Processor
More results

Similar Description - CC3000MOD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3000-TYPEVK TI1-CC3000-TYPEVK Datasheet
47Kb / 2P
SimpleLink??Wi-Fi짰 CC3000 Module by Murata
CC3000-TIWI-SL TI-CC3000-TIWI-SL Datasheet
47Kb / 2P
SimpleLink??Wi-Fi짰 CC3000 Module by LS Research
CC3000-TYPEVK TI-CC3000-TYPEVK Datasheet
47Kb / 2P
SimpleLink??Wi-Fi짰 CC3000 Module by Murata
CC3000MOD TI-CC3000MOD Datasheet
643Kb / 16P
TI SimpleLink CC3000 Module . Wi-Fi 802.11b/g Network Processor
CC3220MOD TI1-CC3220MOD Datasheet
2Mb / 82P
SimpleLink Wi-Fi CERTIFIED Wireless Module Solution
CC3220MOD TI1-CC3220MOD_17 Datasheet
1Mb / 88P
SimpleLink Wi-Fi CERTIFIED Wireless Module Solutions (S and SF)
CC3220MOD_017 TI1-CC3220MOD_017 Datasheet
2Mb / 100P
SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
CC3135MOD TI1-CC3135MOD_V01 Datasheet
2Mb / 69P
SimpleLink??Wi-Fi CC3135MOD Dual-Band Network Processor Module
CC3235MODS TI1-CC3235MODS_V01 Datasheet
2Mb / 106P
CC3235MODx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODAS TI1-CC3235MODAS Datasheet
2Mb / 100P
CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com