Electronic Components Datasheet Search
  English  ▼

X  

MD-30J Datasheet(PDF) 2 Page - CUI INC

Part # MD-30J
Description  MINI DIN CONNECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MD-30J Datasheet(HTML) 2 Page - CUI INC

  MD-30J Datasheet HTML 1Page - CUI INC MD-30J Datasheet HTML 2Page - CUI INC MD-30J Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
date
02/17/2012 │ page 2 of 3
CUI Inc
│ SERIES: MD-XXJ │ DESCRIPTION: MINI DIN CONNECTOR
5.0 0.197
1
8
7
4
5
6
3
2
0.579
0.1
14.7
9.9 0.390
0.1
1.551
0.3
39.4
51.7 2.035
0.3
MECHANICAL DRAWINGS
units: mm[inches]
TOLERANCE: ±0.1mm
MATERIAL
PLATING
shell
copper
nickel
pin contacts (1~9)
brass
silver
insulator
Nylon6+glass fiber
boot
PE + 2L
hood
hood (MD-90J)
HIPS (PH-88)
ABS (PA-757)
1
4 6
5
3
2
1
2
7
4
5
3
6
1
8
7
4
5
6
3
2
3
2
5
4
1
3
2 4
1
2
1
3
MD-30J
MD-40J
MD-50J
MD-60J
MD-70J
MD-80J
47.3 1.862
0.2
6.35 0.250
0.05
7
1
8
5
9
6
4
3
2
0.2
16.3 0.642
13.40
MD-90J



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com