Electronic Components Datasheet Search
  English  ▼

X  

JFS2000-48 Datasheet(PDF) 2 Page - TDK Electronics

Part # JFS2000-48
Description  Single Output Industrial Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

JFS2000-48 Datasheet(HTML) 2 Page - TDK Electronics

  JFS2000-48 Datasheet HTML 1Page - TDK Electronics JFS2000-48 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision A7: Feb 2012
JFS Series
For Additional Information, please visit
us.tdk-lambda.com/lp/products/jfs-series.htm
JFS0500 Outline Drawing
JFS1500/2000 Outline Drawing
JFS0750/1000 Outline Drawing
SIDE VIEW
FRONT VIEW
PRELIMINARY
1. DIMENSIONS ARE IN INCHES EXCEPT DIMENSIONS ( ) ARE IN MM.
2. WEIGHT: NET 6.0 LBS, SHIPPING 7.0 LBS.
NOTE:
4.87
11.06
12.13
(123.6)
(50.8)
(280.9)
(308.1)
2.00
BOTTOM VIEW
11.74
(298.1)
NOTE:
1. DIMENSIONS ARE IN INCHES EXCEPT DIMENSIONS ( ) ARE IN MM.
2. WEIGHT: NET 9.0 LBS, SHIPPING 10.0 LBS.
5.55
(140.0)
SIDE VIEW
4.87
(123.8)
12.74
(323.5)
FRONT VIEW
SIDE VIEW
FRONT VIEW
NOTE:
1. DIMENSIONS ARE IN INCHES EXCEPT DIMENSIONS ( ) ARE IN MM.
2. WEIGHT: NET 7.0 LBS, SHIPPING 8.0 LBS.
BOTTOM VIEW
4.87
(83.8)
(123.6)
3.30
11.74
12.74
(323.5)
(298.1)
HWS
15W to 1500W Single Output
LZS, LZSa
250W to 1500W Single Output
DLP, DPP, DSP
10 to 480W DIN Rail Single Output
Other Industrial Products
Load
Line
Ripple
Nom.
Adjust.
Min
Max
Reg
Reg
& Noise
Model
Volt.
Range
Load
Current
(mV)
(mV)
(mV p-p)
JFS0500-24
24V
20 - 29
0
20.8
< 240
< 240
250
JFS0750-24
24V
20 - 29
0
31.2
< 240
< 240
250
JFS1000-24
24V
20 - 29
0
41.6
< 240
< 240
250
JFS1500-24
24V
20 - 29
0
62.5
< 240
< 240
250
JFS2000-24
24V
20 - 29
0
83.3
< 240
< 240
250
JFS0500-48
48V
36 - 56
0
10.4
< 480
< 480
500
JFS0750-48
48V
36 - 56
0
15.6
< 480
< 480
500
JFS1000-48
48V
36 - 56
0
20.8
< 480
< 480
500
JFS1500-48
48V
36 - 56
0
31.2
< 480
< 480
500
JFS2000-48
48V
36 - 56
0
41.6
< 480
< 480
500
Output Ratings



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com