Electronic Components Datasheet Search
  English  ▼

X  

VGS-75-48 Datasheet(PDF) 4 Page - CUI INC

Part # VGS-75-48
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-75-48 Datasheet(HTML) 4 Page - CUI INC

  VGS-75-48 Datasheet HTML 1Page - CUI INC VGS-75-48 Datasheet HTML 2Page - CUI INC VGS-75-48 Datasheet HTML 3Page - CUI INC VGS-75-48 Datasheet HTML 4Page - CUI INC VGS-75-48 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cui.com
date
08/17/2012 │ page 4 of 5
CUI Inc
│ SERIES: VGS-75 │ DESCRIPTION: AC-DC POWER SUPPLY
6.50 0.256
2.00 0.079
86.00 3.386
B
M3
(2 PLCS)
0.177
4.50
33.00
1.211
(2 PLCS)
2.894
1.299
73.50
30.75
3.50 0.138
M3
(3 PLCS)
9.00
0.713
0.256
6.50
0.354
0.138
0.354
18.10
3.50
0.394
1.299
33.00
0.728
18.50
77.00
37.50
10.00
1.476
3.031
(2 PLCS)
3.50 0.138
9.00
120.00 4.724
0.35
B
N
+V
L
GND
-V
-V
+V
0.374
9.50
(6 PLCS)
0.35
0.327
(7 PLCS)
8.30
129.50 5.098
97.50 3.839
MECHANICAL DRAWING
Note:
terminal block screws #6-32 (7 PLCS)
Tolerance: ±0.3mm unless otherwise
specified



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com