Electronic Components Datasheet Search
  English  ▼

X  

PE7168 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7168
Description  50 Ohm SMA SP8T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7168 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7168 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7168 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7168 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Broadband SP8T (Single Pole Eight Throw) PIN Diode Absorptive Switch with SMA connectors and
Operating Power of 100mW (20 dBm)
Pasternack line of Broadband Switches offers a couple of frequency ranges, which are 0.5 to 18 GHz and 0.5 to 40
GHz. They are available in various configurations from SPST (Single Pole Single Throw), single-pole-double-throw
(SP2T), single-pole-three-throw (SP3T), single-pole-four-throw (SP4T) and single-pole-eight-throw (SP8T). Pasternack’s
Broadband Switches are PIN Diode Absorptive Switch designs capable of handling power levels to 100mW (20 dBm)
at a switching speed of 100 ns (nanoseconds). This line of Absorptive PIN Diode Switches are designed with TTL logic
controls.
• Designs with Operating Frequencies from 0.5 GHz up to 18 GHz or 40 GHz
• Available configurations are SPST, SP2T, SP3T, SP4T and SP8T
• SMA or 2.92mm connector
• Switching Speed of 100ns Maximum
• Power ratings of 20dBm
• TTL Control Logic diagram can be found on attached drawing
Configuration
RF Connector
SMA Female
Control Connector
Solder Pin
Design
Absorptive, SP8T
Electrical Specifications
Frequency Range, GHz
0.5 to 18
Impedance, Ohms
50
Maximum Input Power, dBm
+20
Maximum Input VSWR
2:1
Maximum Output VSWR
2:1
Maximum Insertion Loss, dB
4.5
Minimum Isolation, dB
55
Maximum Speed, ns
100
Power Supply 1, Volts
5
Power Supply 2, Volts
-5
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +85
Storage Range, deg C
-55 to +125
Size
Length, in [mm]
3.7 [93.98]
Width, in [mm]
1.5 [38.1]
Height, in [mm]
0.4 [10.16]\
.
Housing Material and Plating
Aluminum, Paint
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm SMA SP8T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To +20 dBm
PE7168
PE7168
PE7168 REV NC
50 Ohm SMA SP8T PIN Diode Switch Operating
From 500 MHz to 18 GHz Up To +20 dBm


Similar Part No. - PE7168

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7160 PASTERNACK-PE7160 Datasheet
338Kb / 1P
SMA SP10T RELAY SWITCH, FAILSAFE & NORMALLY OPEN
PE7160 PASTERNACK-PE7160 Datasheet
483Kb / 6P
SP10T Electromechanical Relay Normally Open Switch
PE7160 PASTERNACK-PE7160_15 Datasheet
483Kb / 6P
SP10T Electromechanical Relay Normally Open Switch
PE7161-1 PASTERNACK-PE7161-1 Datasheet
220Kb / 3P
1 dB Fixed Attenuator, SMA Male To SMA Female Brass Tri-Metal Body Rated To 1 Watt Up To 2 GHz
PE7161-1 PASTERNACK-PE7161-1 Datasheet
237Kb / 3P
1 dB Fixed Attenuator, SMA Male to SMA Female Brass Tri-Metal Body
More results

Similar Description - PE7168

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7164 PASTERNACK-PE7164 Datasheet
276Kb / 3P
50 Ohm SMA SPST PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7165 PASTERNACK-PE7165 Datasheet
270Kb / 3P
50 Ohm SMA SP2T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7166 PASTERNACK-PE7166 Datasheet
279Kb / 3P
50 Ohm SMA SP3T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7167 PASTERNACK-PE7167 Datasheet
304Kb / 3P
50 Ohm SMA SP4T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To 20 dBm
PE7169 PASTERNACK-PE7169 Datasheet
268Kb / 3P
50 Ohm 2.92mm SPST PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE7170 PASTERNACK-PE7170 Datasheet
271Kb / 3P
50 Ohm 2.92mm SP2T PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE7171 PASTERNACK-PE7171 Datasheet
275Kb / 3P
50 Ohm 2.92mm SP3T PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE7172 PASTERNACK-PE7172 Datasheet
276Kb / 3P
50 Ohm 2.92mm SP4T PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE7173 PASTERNACK-PE7173 Datasheet
297Kb / 3P
50 Ohm 2.92mm SP8T PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE71S6213 PASTERNACK-PE71S6213 Datasheet
370Kb / 4P
SMA SP8T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To plus 20 dBm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com