Electronic Components Datasheet Search
  English  ▼

X  

MRF897 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF897
Description  RF POWER TRANSISTOR NPN SILICON
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF897 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF897 Datasheet HTML 1Page - Motorola, Inc MRF897 Datasheet HTML 2Page - Motorola, Inc MRF897 Datasheet HTML 3Page - Motorola, Inc MRF897 Datasheet HTML 4Page - Motorola, Inc MRF897 Datasheet HTML 5Page - Motorola, Inc MRF897 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
MRF897
MOTOROLA RF DEVICE DATA
Figure 2. Output Power versus Input Power
Figure 3. Output Power versus Frequency
Figure 4. Output Power versus Supply Voltage
Figure 5. Intermodulation versus Output Power
2.5
3.0
0.0
1.0
0.5
1.5
2.0
45
40
35
30
15
0
5
10
25
20
f = 800 MHz
900 MHz
960 MHz
VCC = 24 Vdc
Icq = 125 mA
PIN, INPUT POWER (WATTS)
45
40
35
30
15
0
5
10
25
20
1.5 W
1 W
0.5 W
VCC = 24 Vdc
Icq = 125 mA
f, FREQUENCY (MHz)
2 W
2.5 W
PIN = 3 W
800
820
840
880
920
960
860
900
940
45
40
35
30
15
0
5
10
25
20
1.5 W
0.5 W
VCC, SUPPLY VOLTAGE (VOLTS)
PIN = 2.5 W
14
16
18
22
26
30
20
24
28
Figure 6. Power Gain versus Output Power
Figure 7. Broadband Test Fixture Performance
10
0.01
1
0.1
14.0
13.5
13.0
12.5
12.0
9.0
10.5
11.5
11.0
10.0
9.5
Po, OUTPUT POWER, (WATTS)
300 mA
250 mA
200 mA
125 mA
Icq = 400 mA
890
900
840
850
860
870
880
12
11
10
9
8
6
7
50
45
40
35
30
20
25
GPE
η
POUT = 30 W (PEP)
VCC = 24 Vdc
Icq = 125 mA
f, FREQUENCY (MHz)
INPUT VSWR
f = 900 MHz
VCC = 24 Vdc
Icq = 125 mA
f = 900 MHz
Icq = 125 mA
–25
–30
–35
–40
–55
–70
–65
–60
–45
–50
5TH
Po, OUTPUT POWER (WATTS–PEP)
3RD ORDER
0
5
10
20
30
15
25
f1 = 900 MHz
f2 = 900.1 MHz
VCC = 24 Vdc
Icq = 125 mA
35
7TH



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com