Electronic Components Datasheet Search
  English  ▼

X  

PE8715 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8715
Description  5 Section Highpass Filter With SMA Female Connectors Operating From 1000 MHz To 2.5 GHz With a 1.5 GHz Passband
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8715 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8715 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8715 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
5 Section Highpass Filter With SMA Female Connectors Operating From 1000 MHz To 2.5 GHz With a 1.5
GHz Passband
Configuration
Connector 1
SMA Female
Connector 2
SMA Female
Passband Frequency Range, GHz
1 to 2.5
Electrical Specifications
Passband Minimum Frequency, MHz
1000
Passband Maximum Frequency, GHz
2.5
Useable Frequency Range, GHz
DC to 2.5
Impedance, Ohms
50
Maximum Insertion Loss, dB
1
Passband Maximum VSWR
2:1
Maximum Input Power, Watts
5
Rejection at 500 MHz
60 dB
Rejection at 665 MHz
40 dB
Mechanical Specifications
Size
Length, in [mm]
1.1 [27.94]
Width, in [mm]
0.75 [19.05]
Height, in [mm]
0.65 [16.51]
Connector 1
Type
SMA Female
Connector 2
Type
SMA Female
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL:
http://www.pasternack.com/5-section-high-pass-filter-1000-mhz-2.5-ghz-passband-1.5-ghz-pe8715-p.aspx
5 Section Highpass Filter With SMA Female Connectors Operating From 1000 MHz To 2.5 GHz With a 1.5 GHz Passband
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
5 Section Highpass Filter With SMA Female Connectors Operating
From 1000 MHz To 2.5 GHz With a 1.5 GHz Passband
PE8715
PE8715 REV


Similar Part No. - PE8715

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8710 PASTERNACK-PE8710 Datasheet
250Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
PE8711 PASTERNACK-PE8711 Datasheet
249Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
PE8712 PASTERNACK-PE8712 Datasheet
246Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
PE8713 PASTERNACK-PE8713 Datasheet
247Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
PE8714 PASTERNACK-PE8714 Datasheet
346Kb / 3P
4 Section Bandpass Filter With SMA Female Connectors Operating From 4.9 GHz to 5.9 GHz With a 1,000 MHz Passband
More results

Similar Description - PE8715

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8716 PASTERNACK-PE8716 Datasheet
251Kb / 2P
5 Section Highpass Filter With SMA Female Connectors Operating From 100 MHz To 750 MHz With a 650 MHz Passband
PE8717 PASTERNACK-PE8717 Datasheet
251Kb / 2P
5 Section Highpass Filter With SMA Female Connectors Operating From 30 MHz To 300 MHz With a 270 MHz Passband
PE8718 PASTERNACK-PE8718 Datasheet
251Kb / 2P
5 Section Highpass Filter With SMA Female Connectors Operating From 300 MHz To 1000 MHz With a 700 MHz Passband
PE8720 PASTERNACK-PE8720 Datasheet
251Kb / 2P
5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 1000 MHz With a 1000 MHz Passband
PE8721 PASTERNACK-PE8721 Datasheet
251Kb / 2P
5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 2 GHz With a 2 GHz Passband
PE8725 PASTERNACK-PE8725 Datasheet
252Kb / 2P
5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 3 GHz With a 3 GHz Passband
PE8739 PASTERNACK-PE8739 Datasheet
318Kb / 2P
6 Section Bandpass Filter With SMA Female Connectors Operating From 4.4 GHz to 4.95 GHz With a 550 MHz Passband
PE8740 PASTERNACK-PE8740 Datasheet
318Kb / 2P
6 Section Bandpass Filter With SMA Female Connectors Operating From 5.25 GHz to 5.85 GHz With a 600 MHz Passband
PE8741 PASTERNACK-PE8741 Datasheet
316Kb / 2P
8 Section Bandpass Filter With SMA Female Connectors Operating From 7.25 GHz to 7.75 GHz With a 500 MHz Passband
PE8714 PASTERNACK-PE8714 Datasheet
346Kb / 3P
4 Section Bandpass Filter With SMA Female Connectors Operating From 4.9 GHz to 5.9 GHz With a 1,000 MHz Passband
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com