Electronic Components Datasheet Search
  English  ▼

X  

PE8722 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8722
Description  5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 225 MHz With a 225 MHz Passband
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8722 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8722 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8722 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 225 MHz With a 225
MHz Passband
Configuration
Connector 1
SMA Female
Connector 2
SMA Female
Passband Frequency Range, MHz
DC to 225
Electrical Specifications
Passband Minimum Frequency, KHz
0
Passband Maximum Frequency, MHz
225
Impedance, Ohms
50
Maximum Insertion Loss, dB
1
Passband Maximum VSWR
1.5:1
Maximum Input Power, Watts
10
Rejection at 337 MHz
40 dB
Rejection at 450 MHz
60 dB
Mechanical Specifications
Size
Length, in [mm]
1.7 [43.18]
Width, in [mm]
0.75 [19.05]
Height, in [mm]
0.65 [16.51]
Connector 1
Type
SMA Female
Connector 2
Type
SMA Female
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL:
http://www.pasternack.com/5-section-low-pass-filter-0-mhz-225-mhz-passband-225-mhz-pe8722-p.aspx
5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 225 MHz With a 225 MHz Passband from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
5 Section Lowpass Filter With SMA Female Connectors
Operating From 0 MHz To 225 MHz With a 225 MHz Passband
PE8722
PE8722 REV


Similar Part No. - PE8722

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8720 PASTERNACK-PE8720 Datasheet
251Kb / 2P
5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 1000 MHz With a 1000 MHz Passband
PE8721 PASTERNACK-PE8721 Datasheet
251Kb / 2P
5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 2 GHz With a 2 GHz Passband
PE8723 PASTERNACK-PE8723 Datasheet
251Kb / 2P
5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 30 MHz With a 30 MHz Passband
PE8724 PASTERNACK-PE8724 Datasheet
251Kb / 2P
5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 300 MHz With a 300 MHz Passband
PE8725 PASTERNACK-PE8725 Datasheet
252Kb / 2P
5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 3 GHz With a 3 GHz Passband
More results

Similar Description - PE8722

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8716 PASTERNACK-PE8716 Datasheet
251Kb / 2P
5 Section Highpass Filter With SMA Female Connectors Operating From 100 MHz To 750 MHz With a 650 MHz Passband
PE8717 PASTERNACK-PE8717 Datasheet
251Kb / 2P
5 Section Highpass Filter With SMA Female Connectors Operating From 30 MHz To 300 MHz With a 270 MHz Passband
PE8719 PASTERNACK-PE8719 Datasheet
250Kb / 2P
5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 100 MHz With a 100 MHz Passband
PE8720 PASTERNACK-PE8720 Datasheet
251Kb / 2P
5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 1000 MHz With a 1000 MHz Passband
PE8721 PASTERNACK-PE8721 Datasheet
251Kb / 2P
5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 2 GHz With a 2 GHz Passband
PE8723 PASTERNACK-PE8723 Datasheet
251Kb / 2P
5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 30 MHz With a 30 MHz Passband
PE8724 PASTERNACK-PE8724 Datasheet
251Kb / 2P
5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 300 MHz With a 300 MHz Passband
PE8725 PASTERNACK-PE8725 Datasheet
252Kb / 2P
5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 3 GHz With a 3 GHz Passband
PE8726 PASTERNACK-PE8726 Datasheet
251Kb / 2P
5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 400 MHz With a 400 MHz Passband
PE8727 PASTERNACK-PE8727 Datasheet
250Kb / 2P
5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 700 MHz With a 700 MHz Passband
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com