Electronic Components Datasheet Search
  English  ▼

X  

IM48GR Datasheet(PDF) 1 Page - Tyco Electronics

Part # IM48GR
Description  IM-Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IM48GR Datasheet(HTML) 1 Page - Tyco Electronics

  IM48GR Datasheet HTML 1Page - Tyco Electronics IM48GR Datasheet HTML 2Page - Tyco Electronics IM48GR Datasheet HTML 3Page - Tyco Electronics IM48GR Datasheet HTML 4Page - Tyco Electronics IM48GR Datasheet HTML 5Page - Tyco Electronics IM48GR Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
±
±
±
±
±
±
1 PLC
0 PLC
2 PLC
3 PLC
4 PLC
DIMENSIONS:
TOLERANCES UNLESS
OTHERWISE SPECIFIED:
ANGLES
WEIGHT
APPLICATION SPEC
PRODUCT SPEC
OF
MATERIAL
FINISH
DWN
CHK
APVD
NAME
SIZE
CAGE CODE DRAWING NO
SCALE
SHEET
REV
LOC
DIST
REVISIONS
P
LTR
DATE
DWN
APVD
DESCRIPTION
TE 10MAR2011 ProE
A4
RESTRICTED TO
SHOULD BE CONTACTED FOR THE LATEST REVISION.
IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
DRAWING ALIAS
TE Connectivity
Relay-Typ
Mark 1)
Mark 2)
PN (GR)
PN (JR)
PN (TS)
PN (KS/NS)
IM00..
00
1.5
3-1462037-7
3-1462037-9
3-1462037-5
IM00NS
00N
1.5
1-1462038-0
IM01..
01
3
1462037-1
4-1462037-0
1462037-4
IM01..L
01
3
*4-1462039-4
IM01B..
01B
3
4-1462039-5
IM01C..
01C
3
1462038-4
9-1462038-6
IM01NS
01N
3
1-1462038-1
IM01N..L
01N
3
4-1462039-3
IM02..
02
4.5
1462037-9
1-1462037-1
1-1462037-3
6-1462039-4
IM02..L
02
4.5
2-1462039-3
IM02C..
02C
4.5
1462038-1
IM02D..
02D
4.5
9-1462038-8
IM02H..
02H
4.5
1-1462039-1
IM02NS
02N
4.5
1-1462038-2
IM02NS..L
02N
4.5
2-1462039-4
IM02P..
02P
4.5
5-1462039-4
year
lot no
*obsolete
7-1462039-1 (2nd PN)
Mark 1)
Mark 2)
H swiss made
C china Made
date code
HJ
-
IM0C-DOK17
21FEB2003
HD 9121
-
-
mm
21FEB2003
HD 9121
21FEB2003
DIN 7168-m
HD 9121
-
-
-
IM-Relay
-
-
Marking
-
-
-
00779
1462037-1
-
-
CUSTOMER DRAWING
10:1
1
6
B12
B9
New IM48GR
28APR2010
UKo
JB
B10
New IM61GR, IM42PNS
20JUN2010
UKo
JB
B11
New IM41X, IMF61, IMB41C, IMB42C
20JUL2010
UKo
JB
B12
New IM46CGR, IMF68HR
19OCT2011
UKo
JB


Similar Part No. - IM48GR

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
IM48GR TEC-IM48GR Datasheet
3Mb / 11P
AXICOM IM RELAY
More results

Similar Description - IM48GR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1486937 MACOM-1486937 Datasheet
23Kb / 1P
IM Relay SMT Gull Wings Dimension
5-1462037-7 MACOM-5-1462037-7 Datasheet
2Mb / 6P
IM Relay
logo
List of Unclassifed Man...
ADT-2593-MF-SMA-02 ETC2-ADT-2593-MF-SMA-02 Datasheet
45Kb / 1P
Im-Series Adapters
logo
PIC GmbH
MS-313-3 PIC-MS-313-3 Datasheet
158Kb / 2P
Weltkleinster Reedsensor im
MS-328-3 PIC-MS-328-3_14 Datasheet
233Kb / 2P
Standard-Reedsensor im
MS-328-5 PIC-MS-328-5_14 Datasheet
233Kb / 2P
Netzspannungs-Reedsensor im
MS-328-6 PIC-MS-328-6_14 Datasheet
233Kb / 2P
Leistungs-Reedsensor im
MS-332-5 PIC-MS-332-5_14 Datasheet
343Kb / 2P
Netzspannungs-Reedsensor im
MS-332-6 PIC-MS-332-6_14 Datasheet
344Kb / 2P
Leistungs-Reedsensor im
logo
TE Connectivity Ltd
ENG_CD_1462037-1_C2 TEC-ENG_CD_1462037-1_C2 Datasheet
432Kb / 6P
IM-Relay Marking
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com