Electronic Components Datasheet Search
  English  ▼

X  

TIC106D Datasheet(PDF) 2 Page - Comset Semiconductor

Part # TIC106D
Description  P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIC106D Datasheet(HTML) 2 Page - Comset Semiconductor

  TIC106D Datasheet HTML 1Page - Comset Semiconductor TIC106D Datasheet HTML 2Page - Comset Semiconductor TIC106D Datasheet HTML 3Page - Comset Semiconductor TIC106D Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TIC106A, TIC106B, TIC106C, TIC106D, TIC106E, TIC106M,
TIC106N, TIC106S
29/10/2012
COMSET SEMICONDUCTORS
2 | 4
SEMICONDUCTORS
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
tgt
Gate-controlled
Turn-on time
VAA = 30 V, RL = 6 Ω
RGK(eff) = 5 kΩ
Vin = 50 V
1.75
µs
tq
Circuit-communicated
Turn-off time
VAA = 30 V, RL = 6 Ω
IRM ≈ 8 A
7.7
R∂JC
Junction to case thermal resistance
≤ 3.5
°C/W
R∂JA
Junction to free air thermal resistance
≤ 62.5
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ Max Unit
IDRM
Repetitive peak off-state current
VD = Rated VDRM
RGK = 1 kΩ, TC = 110°C
-
-
400
µA
IRRM
Repetitive peak reverse current
VR = Rated VRRM, IG = 0
TC = 110°C
-
-
1
mA
IGT
Gate trigger current
VAA = 6 V, RL = 100 Ω
tp(g) ≥ 20µs
-
60
200
µA
VGT
Gate trigger voltage
VAA = 6 V, RL = 100 Ω
RGK = 1 kΩ, tp(g) ≥ 20µs
TC = -40°C
-
-
1.2
V
VAA = 6 V, RL = 100 Ω
RGK = 1 kΩ, tp(g) ≥ 20µs
0.4
0.6
1
VAA = 6 V, RL = 100 Ω
RGK = 1 kΩ, tp(g) ≥ 20µs
TC = 110°C
0.2
-
-
IH
Holding current
VAA = 6 V, RGK = 1 kΩ
initiating IT = 10 mA
-
-
5
mA
VAA = 6 V, RGK = 1 kΩ
initiating IT = 10 mA
TC = -40°C
-
-
8
VTM
Peak on-state voltage
ITM = 5A (see Note6)
-
-
1.7
V
dv/dt
Critical rate of rise of off-state
voltage
VD = Rated VD
RGK = 1 kΩ, TC = 110°C
-
10
-
V/µs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com