Electronic Components Datasheet Search
  English  ▼

X  

TIC116M Datasheet(PDF) 3 Page - Comset Semiconductor

Part # TIC116M
Description  P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIC116M Datasheet(HTML) 3 Page - Comset Semiconductor

  TIC116M Datasheet HTML 1Page - Comset Semiconductor TIC116M Datasheet HTML 2Page - Comset Semiconductor TIC116M Datasheet HTML 3Page - Comset Semiconductor TIC116M Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TIC116A, TIC116B, TIC116C, TIC116D, TIC116E, TIC116M,
TIC116N, TIC116S
29/10/2012
COMSET SEMICONDUCTORS
3 | 4
SEMICONDUCTORS
Notes:
1. These values apply when the gate-cathode resistance RGK = 1kΩ
2. These values apply for continuous dc operation with resistive load. Above 70°C derate
linearly to zero at 110°C.
3. This value may be applied continuously under single phase 50 Hz half-sine-wave
operation with resistive load. Above 70°C derate linearly to zero at 110°C.
4. This value applies for one 50 Hz half-sine-wave when the device is operating at (or below)
the rated value of peak reverse voltage and on-state current. Surge may be repeated after
the device has returned to original thermal equilibrium.
5. This value applies for a maximum averaging time of 20 ms.
6. This parameters must be measured using pulse techniques, tW = 300µs, duty cycle ≤ 2 %,
voltage-sensing contacts, separate from the courrent-carrying contacts, are located within
3.2mm (1/8 inch) from de device body
.
MECHANICAL DATA CASE TO-220



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com