Electronic Components Datasheet Search
  English  ▼

X  

ERG5F Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ERG5F
Description  Metal (Oxide) Film Re sis tors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERG5F Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ERG5F Datasheet HTML 1Page - Panasonic Semiconductor ERG5F Datasheet HTML 2Page - Panasonic Semiconductor ERG5F Datasheet HTML 3Page - Panasonic Semiconductor ERG5F Datasheet HTML 4Page - Panasonic Semiconductor ERG5F Datasheet HTML 5Page - Panasonic Semiconductor ERG5F Datasheet HTML 6Page - Panasonic Semiconductor ERG5F Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Metal (Oxide) Film Resistors Packaging Methods
Marking
a
b
c
6.0±0.5
W
crush width 0.8 mm (1 W)
1.1 mm (2 W, 3 W)
HH
W
S
L
f 0.80±0.05
1.0
1.4±0.2
fD
Upper surface
of PW board
h
h2
S
L
fD
Upper surface
of PW board
h
0.8 (0.5 W, 1 W)
1.0 (2 W, 3 W, 5 W)
1.2±0.2 (0.5 W, 1 W)
1.4±0.2 (2 W, 3 W, 5 W)
h2
ERG(X)
□□S□□□□V
ERG(X)
□□S□U□□□V
Part Number
Standard
Quantity
(pcs./box)
Dimensions (mm)
L
0DS
h
h2
ERG(X)12S
□□□□P
1000
6.35
+0.65
2.3
+0.5
10.0
±1.5
4.0
±1.5
4.0
±1.5
ERG(X)1S
□□□□P
1000
9.00
+1.50
2.8
±0.5
12.5
±1.5
4.0
±1.5
4.0
±1.5
ERG(X)2S
□□□□P
1000
12.00
+1.50
4.0
±1.0
15.0
±1.5
6.0
±1.5
4.0
±1.5
ERG(X)3S
□□□□P
1000
15.00
±1.50
5.5
±1.0
20.0
±2.0
6.5
±1.5
4.0
±1.5
ERG(X)5S
□□□□P
500
24.00
±1.50
8.0
±1.0
30.0
±2.0
7.5
±1.5
4.0
±1.5
–1.00
–1.00
–0.35
–0.3
Part Number
Standard
Quantity
(pcs./box)
Dimensions (mm)
L
0DS
h
h2
ERG(X)1F
□□□□H
1000
9.0
+1.5
2.8
±0.5
12.5
±1.5
8
±2
4.0
±1.5
ERG(X)2F
□□□□H
1000
12.0
+1.5
4.0
±1.0
15.0
±1.5
6
±2
5.0
±1.5
ERG(X)3F
□□□□H
1000
15.0
±1.5
5.5
±1.0
20.0
±2.0
10
±2
5.0
±1.5
ERG(X)5F
□□□□H
500
24.0
±1.5
8.0
±1.0
30.0
±2.0
10
±2
5.0
±1.5
–1.0
ERG(X)
□□S□□□□P
ERG(X)
□F□□□□PH
■ Taped & Box:
■ Stand-off Taped & Box:
■ Cut & Formed Type
Part Number
Standard
Quantity
(pcs./box)
Taping (mm)
Box (mm)
P50
×PW
H
W1
0da
b
c
ERG(X)12S
□□□□□V
2000
5.0
±0.3
250
±2
52.0
±1.5
——
0.65
±0.05
85
80
255
ERG(X) 1S
□□□□□V
2000
5.0
±0.3
250
±2
52.0
±1.5
——
0.65
±0.05
85
80
255
ERG(X) 1S
□U□□□V
12.0
+0
1.2
+0.15
ERG(X) 2S
□□□□□V
1000
5.0
±0.3
250
±2
52.0
±1.5
——
0.80
±0.05
85
80
255
ERG(X) 2S
□U□□□V
15.5
+0
1.4
+0.15
ERG(X) 3S
□□□□□V
1000
10.0
±0.5
500
±2
74.0
±2.0
——
0.80
±0.05
105
100
325
ERG(X) 3S
□U□□□V
23.0
+0
1.4
+0.15
–2.0
–2.0
–2.0
– 0
– 0
– 0
–1.0
Aug. 2012
01
52



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com