Electronic Components Datasheet Search
  English  ▼

X  

5012 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 5012
Description  THM TEST POINTS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5012 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  5012 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(THM) THRU HOLE MOUNT TEST POINTS - COLOR KEYED
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
• Color keyed for visibility and quick identification
• Economical choice for PC test point terminations
• Snap-fit mounting provides positive retention for wave soldering
• Wire form loop for safe, non-slip testing
• Space saving, ultra low and low profile designs
• High profile design for difficult to reach applications
• Suitable for high density packaging on .062 (1.57) and .093 (2.36) PC boards
• Practical replacement for wire-wrap posts and turrets
• Secure grip for J hooks, EZ hooks, grabbers, alligator clips, tips or probes
• High tempurature nylon base ideal for reflow soldering
• Ideal for reliable production testing and field service troubleshooting
SPECIFICATIONS
Terminal:
.010 (.25)
× .020 (.51) Phosphor Bronze,
Silver Plate
Base: Nylon 46, UL Rated 94V-0
Mtg. Hole: .040 (1.0) Diameter
.350
[8.9]
.120
[3.0]
.220
[5.6]
.070 [1.80] I.D.
.125 [3.2] DIA.
COMPACT
COLOR KEYED
MINIATURE
MULTIPURPOSE
SPECIFICATIONS
Terminal:
.015 (.38)
× .032 (.81)Phosphor Bronze,
Silver Plate
Base: Nylon 46, UL Rated 94V-0
Mtg. Hole: .063 (1.6) Diameter
SPECIFICATIONS
Terminal:
.015 (.38)
× .032 (.81) Phosphor Bronze,
Silver Plate
Base: Nylon 46, UL Rated 94V-0
Mtg. Hole: .063 (1.6) Diameter
MATERIAL: .017 (.43) Dia.
Phospher Bronze Silver plate
Mtg Hole: .040 (1.0)
MATERIAL: .020 (.50) Dia.
Phospher Bronze Silver plate
Mtg Hole: .073 (1.85)
MATERIAL: .020 (.50) Dia.
Phospher Bronze Silver plate
Mtg Hole: .040 (1.0)
MATERIAL: .016 (.40)
× .028
(.71) Phospher Bronze Silver plate
Mtg Hole: .040 (1.0)
MATERIAL: .020 (.50) Dia.
Phospher Bronze Silver plate
Mtg Hole: .114 (2.9)
MATERIAL: .016 (.40)
× .028 (.71)
Phospher Bronze Silver plate
Mtg Hole: .040 (1.0)
ULTRA LOW PROFILE
.200 [5.1]
REF.
.350
[8.9]
.094 [2.4] DIA.
SHOWN AS
INSTALLED INTO
.040 [1.02] DIA.
MOUNTING HOLE
.100 [2.5]
REF.
.200 [5.1]
.100 [2.5] DIA.
SHOWN AS
INSTALLED INTO
.040 [1.02] DIA.
MOUNTING HOLE
SHOWN AS
INSTALLED INTO
.112 [2.84] TO .078 [1.98] DIA.
MOUNTING HOLE
.150 [3.8]
.400
[10.2]
.250 [6.4]
REF.
SHOWN AS
INSTALLED INTO
.067 [1.70] TO .078 [1.98] DIA.
MOUNTING HOLE
.100 [2.5]
.350
[8.9]
.200 [5.1]
REF.
SHOWN AS
INSTALLED INTO
TWO .040 [1.02] DIA
MOUNTING HOLE
.300 [7.6]
REF.
.200
[5.08]
SHOWN AS
INSTALLED INTO
TWO .040 [1.02] DIA.
MOUNTING HOLE
.200 [5.1]
REF.
.100 [2.54]
LOW PROFILE
.180
[4.6]
.120
[3.0]
.300
[7.6]
.100 [2.5] DIA.
.050 [1.25] I.D.
.445
[11.3]
.120
[3.0]
.320
[8.1]
.070 [1.80] I.D.
.125 [3.2] DIA.
CAT.
BASE
CAT.
BASE
NO.
COLOR
NO.
COLOR
5000
RED
5115
BROWN
5001
BLACK
5116
GREEN
5002
WHITE
5117
BLUE
5003
ORANGE
5118
GREY
5004
YELLOW
5119 PURPLE
CAT.
BASE
CAT.
BASE
NO.
COLOR
NO.
COLOR
5005
RED
5120
BROWN
5006
BLACK
5121
GREEN
5007
WHITE
5122
BLUE
5008
ORANGE
5123
GREY
5009
YELLOW
5124 PURPLE
CAT.
BASE
CAT.
BASE
NO.
COLOR
NO.
COLOR
5010
RED
5125
BROWN
5011
BLACK
5126
GREEN
5012
WHITE
5127
BLUE
5013
ORANGE
5128
GREY
5014
YELLOW
5129 PURPLE
60
CAT. NO. 5021
CAT. NO. 5020
CAT. NO. 5023
CAT. NO. 5024
CAT. NO. 5025
CAT. NO. 5026
STANDARD
LARGE
.100 SPACING
.200 SPACING
JUMPERS
.040 [1.0] (2) PLS.
.100 [2.5]
Mounting Detail
.200 [5.1]
.040 [1.0] (2) PLS.
Mounting Detail
M60Section3FREV1A4_11-2011 4/5/13 2:05PM Page60


Similar Part No. - 5012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5012 TI1-5012 Datasheet
372Kb / 13P
2-A to 6-A Integrated Power Solution
5012 TI1-5012 Datasheet
606Kb / 19P
TPS84250EVM-001 2.5-A, Integrated Power Solution
5012 TI-5012 Datasheet
368Kb / 12P
AN-1713 LM5116-12 Evaluation Board
Revised April 2013
logo
Molex Electronics Ltd.
5012 MOLEX11-5012 Datasheet
462Kb / 1P
(THM) THRU HOLE MOUNT TEST POINTS - COLOR KEYED
logo
Keystone Electronics Co...
5012 KEYSTONE-5012 Datasheet
462Kb / 1P
(THM) THRU HOLE MOUNT TEST POINTS - COLOR KEYED
31-07 20th
More results

Similar Description - 5012

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1473EVKIT MAXIM-MAX1473EVKIT Datasheet
294Kb / 6P
Multiple Test Points Provided On-Board
Rev 1; 5/05
DS2488EVKIT MAXIM-DS2488EVKIT Datasheet
1Mb / 11P
Convenient On-Board Test Points
Rev 0; 9/20
MAX197EVKIT MAXIM-MAX197EVKIT Datasheet
199Kb / 14P
Convenient Test Points Provided On-Board
Rev 1; 7/95
MAX110EVKIT MAXIM-MAX110EVKIT Datasheet
685Kb / 19P
Convenient Test Points Provided On-Board
Rev 1a; 8/05
MAX1258EVC16 MAXIM-MAX1258EVC16 Datasheet
486Kb / 41P
Convenient On-Board Test Points
Rev 1; 5/07
MAX1246EVKIT MAXIM-MAX1246EVKIT Datasheet
116Kb / 8P
Convenient On-Board Test Points
Rev 1; 6/97
MAX1241EVKIT MAXIM-MAX1241EVKIT Datasheet
1Mb / 16P
Convenient On-Board Test Points
Rev 1; 8/97
MAX6651EVCMAXQU MAXIM-MAX6651EVCMAXQU Datasheet
252Kb / 8P
Convenient On-Board Test Points
Rev 1; 5/07
MAX14550EEVKIT MAXIM-MAX14550EEVKIT Datasheet
1,008Kb / 6P
Test Points for Easy Evaluation
Rev 0; 9/09
MAX31889EVSYS MAXIM-MAX31889EVSYS Datasheet
1Mb / 12P
Easy to Reach Test Points
319-100468; Rev 2; 11/20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com