Electronic Components Datasheet Search
  English  ▼

X  

6056 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 6056
Description  TEST JACKS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

6056 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  6056 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HIGH TEMPERATURE PTFE INSULATED TEST POINT JACKS
.080 [2.0] PC TEST JACKS
SPECIFICATIONS
Terminal Jack: Beryllium Copper (QQ-C-533)
*Brass ASTM B16
Plating: Gold per MIL-G-45204, Type II
Operating Tempuature: -60 (-50) to + 500
A
R
C
E
B
D
A
R
E
C
105
E
.140 [3.6]
R
D
.125 [3.2]
C
B DIA.
A
Bushing:
White PTFE
(RoHS Compliant)
Red or Black PTFE
(Non-RoHS Compliant)
RoHS
RoHS
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
* Terminal Material: Brass ASTM B16
D
.047 [1.2]
DIA. (2) PLS.
.055 [1.4]
DIA.
.200
[5.1]
Mounting Detail
MATERIAL:
Body: Nylon per ASTM D4066
Contact: Brass, Silver Plate
MATERIAL:
Body: Nylon per ASTM D4066
Contact: Beryllium Copper, Silver Plate
Mounting: Snap-fits into .052 (1.32) hole
VERTICAL
LOW PROFILE HORIZONTAL
UNIVERSAL HORIZONTAL
MINIATURE HORIZONTAL
SNAP-FIT VERTICAL
CAT. NO
. COLOR
6036
WHITE
6037
RED
6038
BLACK
6039
YELLOW
6040
GREEN
6041
BLUE
CAT. NO
. COLOR
6042
WHITE
6043
RED
6044
BLACK
6045
YELLOW
6046
GREEN
6047
BLUE
.048 [1.2]
DIA.
.312 [7.9]
.125 [3.2]
.187 [4.8] DIA.
SPRING CONTACT TO
ACCEPT .080 [2.03]
DIA. PIN
.039 [0.99] x
.045 [1.14]
.125 [3.2]
.312 [7.9]
.187 [4.8] DIA.
SPRING CONTACT TO
ACCEPT .080 [2.03]
DIA. PIN
CAT. NO
. COLOR
6048
WHITE
6049
RED
6050
BLACK
6051
YELLOW
6052
GREEN
6053
BLUE
SPRING CONTACT TO
ACCEPT .080 [2.03]
DIA. PIN
.200
[5.1]
.203
[5.2]
.208
[5.3]
.147
[3.7]
.125
[3.2]
.048
[1.2]
.133
[3.4]
.008
[.20]
MATERIAL:
Body: Nylon per ASTM D4066
Contact: Beryllium Copper,
Silver Plate
CAT. NO
. COLOR
6054
WHITE
6055
RED
6056
BLACK
6057
YELLOW
6058
GREEN
6059
BLUE
.125
[3.2]
.048
[1.2]
.410 [10.4]
SPRING CONTACT TO
ACCEPT .080 [2.03]
.133
[3.4]
DIA. PIN
.156
[4.0]
.008 [.20]
.203
[5.2]
.400 [10.2]
MATERIAL:
Body: Nylon per ASTM D4066
Contact: Beryllium Copper,
Silver Plate
GOLD PLATE
SILVER PLATE
CAT. NO.
COLOR
CAT. NO.
6060
WHITE
6066
6061
RED
6067
6062
BLACK
6068
6063
YELLOW
6069
6064
GREEN
6070
6065
BLUE
6071
MATERIAL:
Body: Nylon per ASTM
D4066
Contact: Beryllium
Copper, Gold or
Silver Plate
.400 [10.2]
SPRING CONTACT TO
ACCEPT .080 [2.03]
DIA. PIN
.008 [.20]
.460 [11.7]
.220
[5.6]
.156
[4.0]
.048
[1.2]
.133
[3.4]
.130
[3.3]
FIG. 1
FIG. 2
FIG. 3
RoHS
NON-RoHS
White
Red
Black
Tip Dia.
Tip
CAT NO. CAT NO.
CAT NO.
FIG.
A
B
C
D
E
R
± .001 (.03)
Length
11001
11001-R
11001-B
1
.142 (3.6)
.120 (3.0)
.244 (6.2)
.046 (1.2)
.120 (3.0)
.060 (1.5)
.040 (1.0)
.205 (5.2)
11002
11002-R
11002-B
1
.142 (3.6)
.120 (3.0)
.283 (7.2)
.046 (1.2)
.120 (3.0)
.060 (1.5)
.040 (1.0)
.245 (6.2)
11003
11003-R
11003-B
1
.172 (4.4)
.140 (3.6)
.142 (3.6)
.050 (1.3)
.060 (1.5)
.080 (2.0)
.040 (1.0)
.125 (3.2)
11004
11004-R
11004-B
1
.172 (4.4)
.148 (3.8)
.179 (4.5)
.046 (1.2)
.120 (3.0)
.060 (1.5)
.040 (1.0)
.140 (3.6)
11005
11005-R
11005-B
1
.218 (5.5)
.185 (4.7)
.301 (7.6)
.050 (1.3)
.105 (2.7)
.125 (3.2)
.080 (2.0)
.315 (8.0)
11006
11006-R
11006-B
1
.218 (5.5)
.185 (4.7)
.271 (6.9)
.046 (1.2)
.120 (3.0)
.074 (1.9)
.080 (2.0)
.195 (4.9)
11007
11007-R
11007-B
1
.218 (5.5)
.185 (4.7)
.271 (6.9)
.046 (1.2)
.120 (3.0)
.074 (1.9)
.090 (2.3)
.195 (4.9)
11008
11008-R
11008-B
1
.218 (5.5)
.185 (4.7)
.301 (7.6)
.046 (1.2)
.120 (3.0)
.074 (1.9)
.080 (2.0)
.225 (5.7)
11009
11009-R
11009-B
1
.218 (5.5)
.185 (4.7)
.400 (10.2)
.050 (1.3)
.187 (4.8)
.074 (1.9)
.080 (2.0)
.280 (7.1)
11010
11010-R
11010-B
1
.218 (5.5)
.185 (4.7)
.271 (6.9)
.046 (1.2)
.136 (3.5)
.074 (1.9)
.080 (2.0)
.340 (8.6)
11011
11011-R
11011-B
2
.218 (5.5)
—
.430 (10.9)
—
.150 (3.8)
.050 (1.3)
.080 (2.0)
.200 (5.1)
11012* 11012-R* 11012-B*
2
.218 (5.5)
—
.500 (12.7)
—
.150 (3.8)
.050 (1.3)
.080 (2.0)
.280 (7.1)
11013
11013-R
11013-B
3
.218 (5.5)
.187 (4.8)
.689 (17.5)
.500 (12.7) .125 (3.2)
.050 (1.3)
.080 (2.0)
.500 (12.7)
11014
11014-R
11014-B
3
.218 (5.5)
.187 (4.8)
.378 (9.6)
.400 (10.2) .125 (3.2)
.050 (1.3)
.080 (2.0)
.250 (6.4)
11015
11015-R
11015-B
3
.218 (5.5)
.187 (4.8)
.378 (9.6)
.400 (10.2) .187 (4.7)
.035 (.89)
.080 (2.0)
.250 (6.4)
11016
11016-R
11016-B
3
.218 (5.5)
.187 (4.8)
.378 (9.6)
.500 (12.7) .125 (3.2)
.050 (1.3)
.080 (2.0)
.250 (6.4)
Accepts
M60Section6FREV1A2-COLOR 4/6/13 12:51PM Page105


Similar Part No. - 6056

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
6056 MICRONETICS-6056 Datasheet
39Kb / 1P
SINGLE POLE, THREE THROW CONNECTORIZED SWITCHES
logo
Belden Inc.
6056 BELDEN-6056 Datasheet
140Kb / 2P
Teck90 1000V, 3G C #68 Str BC, XLPE Ins M4, PVC Jkt, SIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
11-27-2023
logo
Century Spring (CSC).
6056 CENTURYSPRING-6056 Datasheet
168Kb / 1P
EXTENSION SPRINGS
logo
GEDORE Werkzeugfabrik G...
6056030 GEDORE-6056030 Datasheet
215Kb / 1P
spanner
logo
SICK AG
6056043 SICK-6056043 Datasheet
808Kb / 7P
PRESSURE SENSORS
2016-07-27
More results

Similar Description - 6056

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTJG-12-88JX1-FSG-PG ADAM-TECH-MTJG-12-88JX1-FSG-PG Datasheet
157Kb / 1P
MODULAR TELEPHONE JACKS GANGED & STACKED JACKS
MTJP-616L ADAM-TECH-MTJP-616L Datasheet
268Kb / 3P
MODULAR TELEPHONE JACKS WIRE LEADED JACKS
logo
Yamaichi Electronics Co...
TS4A YAMAICHI-TS4A Datasheet
181Kb / 6P
Modular Jacks
logo
Schurter Inc.
0040.1011 SCHURTER-0040.1011 Datasheet
28Kb / 1P
TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
0040.1021 SCHURTER-0040.1021 Datasheet
116Kb / 1P
TEST JACKS, TEST PROBES
0040.1031 SCHURTER-0040.1031 Datasheet
26Kb / 1P
TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
0040.1061 SCHURTER-0040.1061 Datasheet
48Kb / 1P
TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
0040.1211 SCHURTER-0040.1211 Datasheet
377Kb / 1P
TEST JACKS, TEST PROBES
0040.1281 SCHURTER-0040.1281 Datasheet
27Kb / 1P
TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
logo
Adam Technologies, Inc.
MTJ-88321 ADAM-TECH-MTJ-88321 Datasheet
4Mb / 27P
MODULAR JACKS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com