Electronic Components Datasheet Search
  English  ▼

X  

WLSD3 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # WLSD3
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLSD3 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button WLSD3 Datasheet HTML 6Page - Omron Electronics LLC WLSD3 Datasheet HTML 7Page - Omron Electronics LLC WLSD3 Datasheet HTML 8Page - Omron Electronics LLC WLSD3 Datasheet HTML 9Page - Omron Electronics LLC WLSD3 Datasheet HTML 10Page - Omron Electronics LLC WLSD3 Datasheet HTML 11Page - Omron Electronics LLC WLSD3 Datasheet HTML 12Page - Omron Electronics LLC WLSD3 Datasheet HTML 13Page - Omron Electronics LLC WLSD3 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
WL
WL
10
Characteristics
Degree of protection
IP67
Life expectancy (see note 3)
Mechanical: 15,000,000 operations min. (see note 4)
Electrical:
750,000 operations min. (see note 5)
Operating speed
1mm to1m/s (for WLCA2)
Operating frequency
Mechanical: 120 operations/minute min.
Electrical:
30 operations/minute min.
Rated frequency
50/60 Hz
Insulation resistance
100 MΩ min. (at 500 VDC)
Contact resistance
25 mΩ max. (initial value)
Dielectric strength
1,000 VAC (600 VAC), 50/60 Hz for 1 min between non-continuous terminals.
2,200 VAC, 50/60 Hz for 1 min/Uimp 2.5 kV non-current-carrying metal part and ground.
2,200 VAC, 50/60 Hz for 1 min Uimp 2.5 kV between each terminal and
non-current-carrying metal part.
Rated insulation voltage (Ui)
250 V (EN60947-5-1)
Switching overvoltage
1,000 V max. (EN60947-5-1)
Pollution degree
(operating environment)
3 (EN60947-5-1)
Short-circuit protective device (SCPD)
10 A, fuse type gG or gI (IEC269)
Conditional short-circuit current
100 A (EN60947-5-1)
Conventional enclosed thermal current
(Ithe)
10 A, 0.5 A (EN60947-5-1)
Protection against electric shock
Class I
Vibration resistance
10 to 55 Hz, 1.5-mm double amplitude (see note 6)
Shock resistance
Destruction: 1,000 m/s2 min.
Malfunction: 300 m/s2 min. (see note 6)
Ambient temperature
Operating:
--10°Cto80°C (with no icing) (see note 7)
Ambient humidity
Operating: 95% max.
Weight
Approx. 275 g (in the case of WLCA2)
Note:
1. The above figures are initial values.
2. The figures in parentheses for dielectric strength, are those for the overtravel (high-sensitivity) model.
3. Life expectancy values are calculated at an operating temperature of 5°Cto 35°C, and an operating humidity of 40% to 70%. Con-
tact your OMRON sales representative for more detailed information on other operating environments.
4. 10,000,000 operations min. for general, high-sensitivity, and flexible rod overtravel models.
5. 500,000 operations min. for high-precision and outdoor specifications models. All microload models however, are 1,000,000 opera-
tions min.
6. Except the flexible rod models.
7. For low temperature models this is --40_Cto40°C (no icing). For heat-resistive models the range is +5°C to 120°C.
Engineering Data
Electrical Life Expectancy
Operating temperature: 5°Cto 30°C
Operating humidity: 40% to 70%.
Switching current (mA)
Operating frequency: 30 operations/min
cosφ =1
125 VAC
250 VAC
480 VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com