Electronic Components Datasheet Search
  English  ▼

X  

AC2010 Datasheet(PDF) 3 Page - YAGEO Corporation

Part # AC2010
Description  THICK FILM CHIP RESISTORS Automotive grade
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AC2010 Datasheet(HTML) 3 Page - YAGEO Corporation

  AC2010 Datasheet HTML 1Page - YAGEO Corporation AC2010 Datasheet HTML 2Page - YAGEO Corporation AC2010 Datasheet HTML 3Page - YAGEO Corporation AC2010 Datasheet HTML 4Page - YAGEO Corporation AC2010 Datasheet HTML 5Page - YAGEO Corporation AC2010 Datasheet HTML 6Page - YAGEO Corporation AC2010 Datasheet HTML 7Page - YAGEO Corporation AC2010 Datasheet HTML 8Page - YAGEO Corporation AC2010 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Chip Resistor Surface Mount
www.yageo.com
Feb 10, 2012 V.2
Product specification
3
10
SERIES
AC
0402 to 2512
MARKING
AC0402
No marking
AC0603 / AC0805 / AC1206 / AC1210 / AC2010 / AC2512
E-24 series: 3 digits, ±5%
First two digits for significant figure and 3rd digit for number of zeros
AC0603
E-24 series: 3 digits, ±1%
One short bar under marking letter
E-96 series: 3 digits, ±1%
First two digits for E-96 marking rule and 3rd letter for number of zeros
AC0805 / AC1206 / AC1210 / AC2010 / AC2512
Both E-24 and E-96 series: 4 digits, ±1%
First three digits for significant figure and 4th digit for number of zeros
AC1218
E-24 series: 3 digits, ±5%
First two digits for significant figure and 3rd digit for number of zeros
Both E-24 and E-96 series: 4 digits, ±1%
First three digits for significant figure and 4th digit for number of zeros
NOTE
For further marking information, please refer to data sheet “Chip resistors marking”. Marking of AC series is the same as RC series.
Fig. 2
Value=10 KΩ
YNSC001
03
Fig. 3
Value = 24 Ω
YNSC
0
Fig. 5 Value = 10 KΩ
YNSC004
00
Fig. 4
Value = 12.4 KΩ
Fig. 1
ynsc007
Fig. 6 Value = 10 KΩ
YNSC099
Fig. 7 Value = 10 KΩ
YNSC103
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com