Electronic Components Datasheet Search
  English  ▼

X  

MIC23303 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC23303
Description  4MHz PWM 3A Buck Regulator with HyperLight Load??and Power Good
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23303 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC23303 Datasheet HTML 11Page - Micrel Semiconductor MIC23303 Datasheet HTML 12Page - Micrel Semiconductor MIC23303 Datasheet HTML 13Page - Micrel Semiconductor MIC23303 Datasheet HTML 14Page - Micrel Semiconductor MIC23303 Datasheet HTML 15Page - Micrel Semiconductor MIC23303 Datasheet HTML 16Page - Micrel Semiconductor MIC23303 Datasheet HTML 17Page - Micrel Semiconductor MIC23303 Datasheet HTML 18Page - Micrel Semiconductor MIC23303 Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Micrel, Inc.
MIC23303
September 6, 2013
15
090613-2.0
From this simple circuit we can calculate VX if we know
ISOURCE, VZ, and the resistor values, RXY and RYZ, using the
equation:
(
)
Z
YZ
XY
SOURCE
X
V
R
R
I
V
+
+
×
=
Thermal circuits can be considered using these same rules
and can be drawn similarly replacing current sources with
power dissipation (in Watts), resistance with thermal
resistance (in °C/W) and voltage sources with temperature
(in °C).
Figure 6. Thermal Circuit Description
Now replacing the variables in the equation for VX, we can
find the junction temperature (TJ) from power dissipation,
ambient temperature, and the known thermal resistance of
the PCB (R
θ
CA) and the package (RθJC).
(
)
AMB
CA
JC
DISS
J
T
R
R
P
T
+
θ
+
θ
×
=
As can be seen in the diagram, total thermal resistance
R
θ
JA = RθJC + RθCA. Hence this can also be written:
(
)
AMB
JA
DISS
J
T
R
P
T
+
θ
×
=
Since effectively all of the power losses (minus the
inductor losses) in the converter are dissipated within the
MIC23303 package, PDISS can be calculated thus:
DCR
I
)
1
1
(
P
P
2
OUT
OUT
DISS
×
−
−
η
×
=
Where:
η = Efficiency taken from efficiency curves and DCR =
Inductor DCR.
R
θ
JC and RθJA are found in the Operating Ratings section
of the datasheet. Where the reel board area differs from
1in square, R
θ
CA (the PCB thermal resistance) values for
various PCB copper areas can be taken from Figure 7
below. This graph is taken from Designing with Low
Dropout Voltage Regulators, which is available from the
Micrel website (LDO Application Hints).
Example:
A MIC23303 is intended to drive a 2A load at 1.8V and is
placed on a printed circuit board which has a ground plane
area of at least 25mm square.
The voltage source is a Li-ion battery with a lower
operating threshold of 3V and the ambient temperature of
the assembly can be up to 50°C.
Summary of variables:
IOUT = 2A
VOUT = 1.8V
VIN = 3V to 4.2V
TAMB = 50°C
R
θ
JA = 61°C/W from datasheet
η @ 2A = 85% (worst case @ 5V from Figure 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com