Electronic Components Datasheet Search
  English  ▼

X  

MIC23303YML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC23303YML
Description  4MHz PWM 3A Buck Regulator with HyperLight Load??and Power Good
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23303YML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC23303YML Datasheet HTML 1Page - Micrel Semiconductor MIC23303YML Datasheet HTML 2Page - Micrel Semiconductor MIC23303YML Datasheet HTML 3Page - Micrel Semiconductor MIC23303YML Datasheet HTML 4Page - Micrel Semiconductor MIC23303YML Datasheet HTML 5Page - Micrel Semiconductor MIC23303YML Datasheet HTML 6Page - Micrel Semiconductor MIC23303YML Datasheet HTML 7Page - Micrel Semiconductor MIC23303YML Datasheet HTML 8Page - Micrel Semiconductor MIC23303YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Micrel, Inc.
MIC23303
September 6, 2013
2
090613-2.0
Ordering Information
Part Number
Marking
Code
Nominal Output
Voltage
Junction
Temperature Range
Package
MIC23303YML
WYA
Adjustable
–40°C to +125°C
12-Pin 3mm × 3mm DFN
(1, 2)
Notes:
1.
DFN is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
2.
DFN Pin 1 identifier
is ● .
Pin Configuration
3mm x 3mm DFN (ML)
(Top View)
Pin Description
Pin Number
(Adjustable)
Pin Name
Pin Function
1, 2
SW
Switch (Output): Internal power MOSFET output switches.
3
PG
Power Good: Open-drain output for the power good indicator. Use a pull-up resistor from
this pin to a voltage source to detect a power good condition.
4
EN
Enable (Input): Logic high enables operation of the regulator. Logic low shuts down the
device. Do not leave floating.
5
SNS
Sense: Connect to VOUT as close to output capacitor as possible to sense output voltage.
6
FB
Feedback: Connect a resistor divider from the output to ground to set the output voltage.
7
SS
Soft Start: Place a capacitor from this pin to ground to program the soft start time. Do not
leave floating, 2.2nF minimum CSS is required.
8
AGND
Analog Ground: Connect to central ground point where all high current paths meet (CIN,
COUT, and PGND) for best operation.
9
AVIN
Supply Voltage (Power Input): Analog control circuitry. Connect to PVIN.
10, 11
PVIN
Input Voltage: Connect a capacitor to ground to decouple the noise.
12
PGND
Power Ground.
EP
ePad
Thermal pad: Connect to Ground plane for improved heat sinking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com