Electronic Components Datasheet Search
  English  ▼

X  

MIC24055 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC24055
Description  12V, 12A High-Efficiency Buck Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC24055 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC24055 Datasheet HTML 5Page - Micrel Semiconductor MIC24055 Datasheet HTML 6Page - Micrel Semiconductor MIC24055 Datasheet HTML 7Page - Micrel Semiconductor MIC24055 Datasheet HTML 8Page - Micrel Semiconductor MIC24055 Datasheet HTML 9Page - Micrel Semiconductor MIC24055 Datasheet HTML 10Page - Micrel Semiconductor MIC24055 Datasheet HTML 11Page - Micrel Semiconductor MIC24055 Datasheet HTML 12Page - Micrel Semiconductor MIC24055 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Micrel, Inc.
MIC24055
December 2012
9
M9999-120712-A
Typical Characteristics (Continued)
Die Temperature* : The temperature measurement was taken at the hottest point on the MIC24055 case mounted on a 5 square inch, 4 layer,
0.62 inch, FR-4 PCB with 2oz finish copper weight per layer, see Thermal Measurement section. Actual results will depend upon the size of the PCB,
ambient temperature and proximity to other heat emitting components.
50
55
60
65
70
75
80
85
90
95
100
0
3
6
9
12
15
OUTPUT CURRENT (A)
Efficiency (VIN = 12V)
vs. Output Current
5.0V
3.3V
2.5V
1.8V
1.5V
1.2V
1.0V
0.9V
0.8V
VIN = 12V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
3
6
9
12
OUTPUT CURRENT (A)
IC Power Dissipation (VIN = 12V)
vs. Output Current
VIN = 12V
V
OUT = 5V
V
OUT = 0.8V
0
20
40
60
80
100
0
2
4
6
8
10
12
OUTPUT CURRENT (A)
Die Temperature* (VIN = 12V)
vs. Output Current
VIN = 12V
V
OUT = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com