Electronic Components Datasheet Search
  English  ▼

X  

WLRCL Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # WLRCL
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLRCL Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button WLRCL Datasheet HTML 11Page - Omron Electronics LLC WLRCL Datasheet HTML 12Page - Omron Electronics LLC WLRCL Datasheet HTML 13Page - Omron Electronics LLC WLRCL Datasheet HTML 14Page - Omron Electronics LLC WLRCL Datasheet HTML 15Page - Omron Electronics LLC WLRCL Datasheet HTML 16Page - Omron Electronics LLC WLRCL Datasheet HTML 17Page - Omron Electronics LLC WLRCL Datasheet HTML 18Page - Omron Electronics LLC WLRCL Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
WL
WL
15
Note: 1. Flexible Rod Models: For all models WLj indicates a standard model and WL01j indicates a microload model.
2. Unless otherwise indicated, a tolerance of ±0.4 mm applies to all dimensions.
Coil Spring
WLNJ
WL01NJ
Coil Spring (Multi-wire)
WLNJ-30
WL01NJ-30
Note:
1. The coil spring may be operated from any direc-
tion except the axial direction (↓).
2. Stainless steel coil spring
3. Optimum operating range of the coil spring is
within 1/3 of the entire length from the top end.
Note:
1. The coil spring may be operated from any
direction except the axial direction (↓).
2. Piano wire coil
3. Optimum operating range of the coil spring is
within 1/3 of the entire length from the top end.
Coil Spring (Resin Rod)
WLNJ-2
WL01NJ-2
Steel Wire
WLNJ-S2
WL01NJ-S2
Note:
1. The coil spring may be operated from any direction
except the axial direction (↓).
2. Polyamide resin rod
3. Optimum operating range of the rod is within 1/3 of
the entire length from the top end.
Note:
1. The coil spring may be operated from any direction
except the axial direction (↓).
2. Stainless steel wire
3. Optimum operating range of the wire is within 1/3 of
the entire length from the top end.
M3 × 3 Allen-
head set screw
Three, M4 × 13
JIS B0202 G1/2
Effective thread:
4 threads min.
Four, M6
Depth: 15 min.
Three,
M4 × 13
JIS B0202 G1/2
Effective thread:
4 threads min.
Four, M6
Depth: 15 min.
Three, M4 × 13
JIS B0202 G1/2
Effective thread:
4 threads min.
Four, M6
Depth: 15 min.
Three, M4 × 13
JIS B0202 G1/2
Effective thread:
4 threads min.
Four, M6
Depth: 15 min.
See note 3
Seenote2
42 max.
See note 1
Seenote2
See note 1
See note 3
Seenote2
See note 3
See note 1
42 max.
Seenote1
Seenote2
See note 3
42 max.
42 max.
Four,
5.2 +0.2
0
dia. holes
Four,
5.2 +0.2
0
dia. holes
Four,
5.2 +0.2
0
dia. holes
Four,
5.2 +0.2
0
dia. holes
6.5 dia.
4.8 dia.
26 dia.
8dia.
1dia.
Operating characteristics
WLNJ
WL01NJ
(see note)
WLNJ30
WL01NJ30
(see note)
WLNJ-2
WL01NJ-2
(see note)
WLNJ-S2
WL01NJ-S2
(see note)
Operating force: OF max.
1.47 N
1.47 N
1.47 N
0.28 N
Pretravel: PT
20±10 mm
20±10 mm
40±20 mm
40±20 mm
Note:
These values are taken from the top end of the wire or spring.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com