Electronic Components Datasheet Search
  English  ▼

X  

SM802149 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SM802149
Description  156.25MHz/312.5MHz and 78.125MHz/156.25MHz LVDS Clock Synthesizer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802149 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SM802149 Datasheet HTML 3Page - Micrel Semiconductor SM802149 Datasheet HTML 4Page - Micrel Semiconductor SM802149 Datasheet HTML 5Page - Micrel Semiconductor SM802149 Datasheet HTML 6Page - Micrel Semiconductor SM802149 Datasheet HTML 7Page - Micrel Semiconductor SM802149 Datasheet HTML 8Page - Micrel Semiconductor SM802149 Datasheet HTML 9Page - Micrel Semiconductor SM802149 Datasheet HTML 10Page - Micrel Semiconductor SM802149 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Micrel, Inc.
SM802149
March 1, 2013
9
Revision 1.1
hbwhelp@micrel.com or (408) 955-1690
Application Information
Input Reference
When operating with a crystal input reference, do not
apply a switching signal to REF_IN.
Crystal Layout
Keep the layers under the crystal as open as possible
and do not place switching signals or noisy supplies
under the crystal.
Crystal load capacitance is built inside the die so no
external capacitance is needed. See the Selecting a
Quartz Crystal for the Clockworks Flex I Family of
Precision
Synthesizers application
note for further
details.
Contact Micrel’s HBW applications group if you need
assistance to select a suitable crystal for your application
at hbwhelp@micrel.com
LVDS Outputs
Terminate LVDS outputs
with 100Ω across Q and /Q.
For best performance, load all outputs. Outputs can be
DC or AC-coupled.
Figure 1. Duty Cycle Timing
Figure 2. All Outputs Rise/Fall Time
Figure 3. RMS Phase/Noise/Jitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com